Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 90 Page - Texas Instruments

Back Button DM505 Datasheet HTML 86Page - Texas Instruments DM505 Datasheet HTML 87Page - Texas Instruments DM505 Datasheet HTML 88Page - Texas Instruments DM505 Datasheet HTML 89Page - Texas Instruments DM505 Datasheet HTML 90Page - Texas Instruments DM505 Datasheet HTML 91Page - Texas Instruments DM505 Datasheet HTML 92Page - Texas Instruments DM505 Datasheet HTML 93Page - Texas Instruments DM505 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 286 page
background image
90
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-6. LVCMOS DDR DC Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
ZO
Output impedance (drive
strength)
l[2:0] = 000
(Imp80)
80
Ω
l[2:0] = 001
(Imp60)
60
l[2:0] = 010
(Imp48)
48
l[2:0] = 011
(Imp40)
40
l[2:0] = 100
(Imp34)
34
Single-Ended Receiver Mode
VIH
High-level input threshold
DDR3/DDR3L
VREF+0.1
VDDS+0.2
V
VIL
Low-level input threshold
DDR3/DDR3L
-0.2
VREF-0.1
V
VCM
Input common-mode voltage
VREF -
1%VDDS
VREF+
1%VDDS
V
CPAD
Pad capacitance (including package capacitance)
3
pF
Differential Receiver Mode
VSWING
Input voltage swing
DDR3/DDR3L
0.4*vdds
0.6*vdds
V
VCM
Input common-mode voltage
VREF -
1%VDDS
VREF+
1%VDDS
V
CPAD
Pad capacitance (including package capacitance)
3
pF
(1) VDDS in this table stands for corresponding power supply (i.e. vdds_ddr1 or vdds_ddr2). For more information on the power supply
name and the corresponding ball, see Table 4-1, POWER [11] column.
(2) For more information on the I/O cell configurations (i[2:0], sr[1:0]), see Control Module section of the Device TRM.
Table 5-7. Dual Voltage LVCMOS I2C DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Signal Names in MUXMODE 0: i2c2_scl; i2c1_scl; i2c1_sda; i2c2_sda;
Balls ABF: L3, L4, L6, L5;
I2C Standard Mode – 1.8 V
VIH
Input high-level threshold
0.7*VDDS
V
VIL
Input low-level threshold
0.3*VDDS
V
Vhys
Hysteresis
0.1*VDDS
V
II
Input current at each I/O pin with an input voltage between 0.1*VDDS to
0.9*VDDS
12
µA
IOZ
IOZ(IPAD Current) at each IO pin. PAD is swept from 0 to VDDS and the
Max(I(PAD)) is measured and is reported as IOZ
12
µA
CI
Input capacitance
10
pF
VOL3
Output low-level threshold open-drain at 3-mA sink current
0.2*VDDS
V
IOLmin
Low-level output current @VOL=0.2*VDDS
3
mA
tOF
Output fall time from VIHmin to VILmax with a bus capacitance CB from 5 pF
to 400 pF
250
ns
I2C Fast Mode – 1.8 V
VIH
Input high-level threshold
0.7*VDDS
V
VIL
Input low-level threshold
0.3*VDDS
V
Vhys
Hysteresis
0.1*VDDS
V
II
Input current at each I/O pin with an input voltage between 0.1*VDDS to
0.9*VDDS
12
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com