Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DM505 Datasheet HTML 32Page - Texas Instruments DM505 Datasheet HTML 33Page - Texas Instruments DM505 Datasheet HTML 34Page - Texas Instruments DM505 Datasheet HTML 35Page - Texas Instruments DM505 Datasheet HTML 36Page - Texas Instruments DM505 Datasheet HTML 37Page - Texas Instruments DM505 Datasheet HTML 38Page - Texas Instruments DM505 Datasheet HTML 39Page - Texas Instruments DM505 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 286 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
36
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
U17
vout1_de
vout1_de
0
O
PD
PD
15
1.8/3.3
vddshv6
Yes
Dual Voltage
LVCMOS
PU/PD
mcasp1_aclkx
1
IO
0
vin1a_d13
2
I
0
clkout1
4
O
gpio2_21
14
IO
Driver off
15
I
W17
vout1_fld
vout1_fld
0
O
PD
PD
15
1.8/3.3
vddshv6
Yes
Dual Voltage
LVCMOS
PU/PD
mcasp1_fsx
1
IO
0
vin1a_d14
2
I
0
clkout2
4
O
gpio2_22
14
IO
Driver off
15
I
AA17
vout1_hsync
vout1_hsync
0
O
PD
PD
15
1.8/3.3
vddshv6
Yes
Dual Voltage
LVCMOS
PU/PD
mcasp1_aclkr
1
IO
0
vin1a_d15
2
I
0
vin2a_de0
9
I
gpio2_23
14
IO
Driver off
15
I
U16
vout1_vsync
vout1_vsync
0
O
PD
PD
15
1.8/3.3
vddshv6
Yes
Dual Voltage
LVCMOS
PU/PD
mcasp1_fsr
1
IO
0
vin2a_fld0
9
I
gpio2_24
14
IO
Driver off
15
I
A1, A17, A22, A8,
AB1, AB12, AB16,
AB2, AB21, AB22,
AB7, B22, E1,
G10, G16, H10,
H11, H15, H16,
H8, H9, J22, K1,
K10, K11, K13,
K14, K15, K16,
K9, M10, M11,
M12, M13, M16,
N10, N7, P1, P15,
P16, R12, R16,
R9, T14, V22
vss
vss
GND
P21
vssa_adc
vssa_adc
GND
B14
vssa_csi
vssa_csi
GND
T19
vssa_dac
vssa_dac
GND
D21
vssa_osc0
vssa_osc0
GND
C22
vssa_osc1
vssa_osc1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com