Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 77 Page - Texas Instruments

Back Button DM505 Datasheet HTML 73Page - Texas Instruments DM505 Datasheet HTML 74Page - Texas Instruments DM505 Datasheet HTML 75Page - Texas Instruments DM505 Datasheet HTML 76Page - Texas Instruments DM505 Datasheet HTML 77Page - Texas Instruments DM505 Datasheet HTML 78Page - Texas Instruments DM505 Datasheet HTML 79Page - Texas Instruments DM505 Datasheet HTML 80Page - Texas Instruments DM505 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 286 page
background image
77
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
5.4
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
MIN (2)
NOM
MAX DC (3)
MAX (2)
UNIT
Input Power Supply Voltage Range
vdd
Core voltage domain supply
See Section 5.5
V
vdd_dspeve
DSP-EVE voltage domain supply
See Section 5.5
V
vdda_per
PER PLL and PER HSDIVIDER
analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_ddr_dsp
EVE PLL, DPLL_DDR and DDR
HSDIVIDER analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_gmac_core
GMAC PLL, GMAC HSDIVIDER,
DPLL_CORE and CORE HSDIVIDER
analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_osc
I/O supply for oscillator section
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_csi
CSI analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_dac
DAC analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_adc
ADC analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdds18v
1.8V power supply and Power Group
bias supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdds18v_ddr1
1.8v bias supply for Byte0, Byte2,
ECC Byte, Addr Cmd
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdds18v_ddr2
1.8v bias supply for Addr Cmd
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdds18v_ddr3
1.8v bias supply for Byte1, Byte3
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdds_ddr1
EMIF power supply
(1.5V for DDR3 mode /
1.35V DDR3L mode)
1.35-V
Mode
1.28
1.35
1.377
1.42
V
1.5-V Mode
1.43
1.50
1.53
1.57
Maximum noise (peak-
peak)
1.35-V
Mode
50
mVPPmax
1.5-V Mode
vdds_ddr2
EMIF power supply
(1.5V for DDR3 mode /
1.35V DDR3L mode)
1.35-V
Mode
1.28
1.35
1.377
1.42
V
1.5-V Mode
1.43
1.50
1.53
1.57
Maximum noise (peak-
peak)
1.35-V
Mode
50
mVPPmax
1.5-V Mode
vdds_ddr3
EMIF power supply
(1.5V for DDR3 mode /
1.35V DDR3L mode)
1.35-V
Mode
1.28
1.35
1.377
1.42
V
1.5-V Mode
1.43
1.50
1.53
1.57
Maximum noise (peak-
peak)
1.35-V
Mode
50
mVPPmax
1.5-V Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com