Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DM505 Datasheet HTML 33Page - Texas Instruments DM505 Datasheet HTML 34Page - Texas Instruments DM505 Datasheet HTML 35Page - Texas Instruments DM505 Datasheet HTML 36Page - Texas Instruments DM505 Datasheet HTML 37Page - Texas Instruments DM505 Datasheet HTML 38Page - Texas Instruments DM505 Datasheet HTML 39Page - Texas Instruments DM505 Datasheet HTML 40Page - Texas Instruments DM505 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 286 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
37
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
E22
xi_osc0
xi_osc0
0
I
1.8
vdda_osc
Yes
LVCMOS
Analog
PD
B21
xi_osc1
xi_osc1
0
I
1.8
vdda_osc
Yes
LVCMOS
Analog
PD
D22
xo_osc0
xo_osc0
0
O
1.8
vdda_osc
Yes
LVCMOS
Analog
PD
C21
xo_osc1
xo_osc1
0
A
1.8
vdda_osc
Yes
LVCMOS
Analog
PD
M1
xref_clk0
xref_clk0
0
I
PD
PD
15
1.8/3.3
vddshv1
Yes
Dual Voltage
LVCMOS
PU/PD
clkout0
1
O
spi3_cs0
4
IO
1
spi2_cs1
5
IO
1
spi1_cs0
6
IO
1
spi1_cs1
7
IO
1
gpio3_31
14
IO
Driver off
15
I
(1) NA in this table stands for Not Applicable.
(2) For more information on recommended operating conditions, see , Recommended Operating Conditions.
(3) The pullup or pulldown block strength is equal to: minimum = 50 μA, typical = 100 μA, maximum = 250 μA.
(4) The output impedance settings of this IO cell are programmable; by default, the value is DS[1:0] = 10, this means 40
Ω. For more information on DS[1:0] register configuration, see the
Device TRM.
(5) In PUx / PDy, x and y = 60 to 300 μA.
The output impedance settings (or drive strengths) of this IO are programmable (60 Ω, 80 Ω, 120 Ω) depending on the values of the I[2:0] registers.
4.3
Signal Descriptions
Many signals are available on multiple pins, according to the software configuration of the pin multiplexing options.
1. SIGNAL NAME: The name of the signal passing through the pin.
NOTE
The subsystem multiplexing signals are not described in Table 4-1 and Table 4-28.
2. DESCRIPTION: Description of the signal
3. TYPE: Signal direction and type:
–
I = Input
–
O = Output
–
IO = Input or output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com