Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 82 Page - Texas Instruments

Back Button DM505 Datasheet HTML 78Page - Texas Instruments DM505 Datasheet HTML 79Page - Texas Instruments DM505 Datasheet HTML 80Page - Texas Instruments DM505 Datasheet HTML 81Page - Texas Instruments DM505 Datasheet HTML 82Page - Texas Instruments DM505 Datasheet HTML 83Page - Texas Instruments DM505 Datasheet HTML 84Page - Texas Instruments DM505 Datasheet HTML 85Page - Texas Instruments DM505 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 286 page
background image
82
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-5. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock Type
Max. Clock
Allowed (MHz)
PRCM Clock
Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
EFUSE_CTRL_C
UST
ocp_clk
Int
133
CUSTEFUSE_L4_
GICLK
CORE_X2_CLK
DPLL_CORE
sys_clk
Func
38.4
CUSTEFUSE_SYS
_GFCLK
SYS_CLK1
OSC0
ELM
ELM_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
EMIF_OCP_FW
L3_CLK
Int
266
EMIF_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L4_CLKEN
Int
133
EMIF_L4_GICLK
CORE_X2_CLK
DPLL_CORE
EMIF_PHY
EMIF_PHY1_FCLK
Func
DDR
EMIF_PHY_GCLK
EMIF_PHY_GCLK
DPLL_DDR
EMIF
EMIF_ICLK
Int
266
EMIF_L3_GICLK
CORE_X2_CLK
DPLL_CORE
EMIF_L3_ICLK
Int
266
L3_EOCP_GICLK
-
-
EMIF_PHY_FCLK
Func
44.33
EMIF_PHY_GCLK
EMIF_PHY_GCLK
DPLL_DDR
EMIF_DLL_FCLK
Int
266
EMIF_DLL_GCLK
-
DPLL_DDR
ESM
OCP_CLK
Int
133
L4_ICLK
L3_ICLK
CORE_CLK
EVE
EVE_FCLK
Func
EVE_FCLK
EVE_GFCLK
EVE_GCLK
DPLL_DSP
EVE_GFCLK
DPLL_EVE
GMAC_SW
CPTS_RFT_CLK
Func
266
GMAC_RFT_CLK
PER_ABE_X1_GF
CLK
DPLL_ABE
VIDEO1_CLK
DPLL_VIDEO1
VIDEO2_CLK
DPLL_VIDEO2
HDMI_CLK
DPLL_HDMI
CORE_X2_CLK
DPLL_CORE
MAIN_CLK
Int
125
GMAC_MAIN_CLK GMAC_250M_CLK
DPLL_GMAC
MHZ_250_CLK
Func
250
GMII_250MHZ_CL
K
GMII_250MHZ_CL
K
DPLL_GMAC
MHZ_5_CLK
Func
5
RGMII_5MHZ_CLK RGMII_5MHZ_CLK
RMII_CLK
MHZ_50_CLK
Func
50
RMII_50MHZ_CLK
GMAC_RMII_HS_
CLK
DPLL_GMAC
GPIO1
GPIO1_ICLK
Int
38.4
WKUPAON_GICL
K
SYS_CLK1
OSC0
DPLL_ABE_X2_CL
K
DPLL_ABE
GPIO1_DBCLK
Func
0.032
WKUPAON_SYS_
GFCLK
WKUPAON_32K_
GFCLK
OSC0
GPIO2
GPIO2_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
GPIO2_DBCLK
Func
0.032
GPIO_GFCLK
FUNC_32K_CLK
OSC0
GPIO3
GPIO3_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
GPIO3_DBCLK
Func
0.032
GPIO_GFCLK
FUNC_32K_CLK
OSC0
GPIO4
GPIO4_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
GPIO4_DBCLK
Func
0.032
GPIO_GFCLK
FUNC_32K_CLK
OSC0
GPMC
GPMC_ICLK
Int
266
L3MAIN1_L3_GIC
LK
CORE_X2_CLK
DPLL_CORE
I2C1
I2C1_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
I2C1_FCLK
Func
96
PER_96M_GFCLK
FUNC_192M_CLK
DPLL_PER
I2C2
I2C2_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
I2C2_FCLK
Func
96
PER_96M_GFCLK
FUNC_192M_CLK
DPLL_PER
IEEE1500_2_OC
P
PI_L3CLK
Int & Func
266
L3INIT_L3_GICLK
CORE_X2_CLK
DPLL_CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com