Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 75 Page - Texas Instruments

Back Button DM505 Datasheet HTML 71Page - Texas Instruments DM505 Datasheet HTML 72Page - Texas Instruments DM505 Datasheet HTML 73Page - Texas Instruments DM505 Datasheet HTML 74Page - Texas Instruments DM505 Datasheet HTML 75Page - Texas Instruments DM505 Datasheet HTML 76Page - Texas Instruments DM505 Datasheet HTML 77Page - Texas Instruments DM505 Datasheet HTML 78Page - Texas Instruments DM505 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 286 page
background image
75
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
5
Specifications
NOTE
For more information, see Power, Reset and Clock Management / PRCM Subsystem
Environment / External Voltage Inputs or Initialization / Preinitialization / Power Requirements
section of the Device TRM.
NOTE
The index number 1 which is part of the EMIF1 signal prefixes (ddr1_*) listed in
Section 4.3.8, EMIF Signal Descriptions, column "SIGNAL NAME" are not to be confused
with DDR1 type of SDRAM memories.
NOTE
Audio Back End (ABE) module is not supported for this family of devices, but “ABE” name is
still present in some clock or DPLL names.
CAUTION
All IO Cells are NOT Fail-safe compliant and should not be externally driven in
absence of their IO supply.
5.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
PARAMETER(3)
MIN
MAX
UNIT
VSUPPLY (Steady-State)
Supply Voltage Ranges (Steady-
State)
Core (vdd, vdd_dspeve)
-0.3
1.5
V
Analog (vdda_per, vdda_ddr_dsp,
vdda_gmac_core, vdda_osc,
vdda_csi, vdda_dac, vdda_adc)
-0.3
2.0
V
vdds_ddr1, vdds_ddr2, vdds_ddr3
(1.35V mode)
-0.3
1.65
V
vdds_ddr1, vdds_ddr2, vdds_ddr3
(1.5V mode)
-0.3
1.8
V
vdds18v, vdds18v_ddr1,
vdds18v_ddr2, vdds18v_ddr3
-0.3
2.1
V
vddshv1-6 (1.8V mode)
-0.3
2.1
V
vddshv1-6 (3.3V mode)
-0.3
3.8
V
VIO (Steady-State)
Input and Output Voltage Ranges
(Steady-State)
Core I/Os
-0.3
1.5
V
Analog I/Os
-0.3
2.0
V
I/O 1.35V
-0.3
1.65
V
I/O 1.5V
-0.3
1.8
V
1.8V I/Os
-0.3
2.1
V
3.3V I/Os
-0.3
3.8
V
SR
Maximum slew rate, all supplies
105
V/s
VIO (Transient Overshoot /
Undershoot)
Input and Output Voltage Ranges (Transient Overshoot / Undershoot)
Note: valid for up to 20% of the signal period
0.2*VDD
(4)
V
TJ
Operating junction temperature range
Automotive
-40
+125
°C
TSTG
Storage temperature range after soldered onto PC Board
-55
+150
°C
Latch-up I-Test
I-test(5), All I/Os (if different levels then one line per level)
-100
100
mA
Latch-up OV-Test
Over-voltage Test(6), All supplies (if different levels then one line per level)
N/A
1.5*Vsup
ply max
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com