Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 103 Page - Texas Instruments

Back Button DM505 Datasheet HTML 99Page - Texas Instruments DM505 Datasheet HTML 100Page - Texas Instruments DM505 Datasheet HTML 101Page - Texas Instruments DM505 Datasheet HTML 102Page - Texas Instruments DM505 Datasheet HTML 103Page - Texas Instruments DM505 Datasheet HTML 104Page - Texas Instruments DM505 Datasheet HTML 105Page - Texas Instruments DM505 Datasheet HTML 106Page - Texas Instruments DM505 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 286 page
background image
vssa_osc0
Device
xo_osc0
xi_osc0
NC
SPRS91v_CLK_03
103
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
(1) Crystal characteristics should account for tolerance+stability+aging.
When selecting a crystal, the system design must consider the temperature and aging characteristics of a
based on the worst case environment and expected life expectancy of the system.
Table 5-17 details the switching characteristics of the oscillator and the requirements of the input clock.
Table 5-17. Oscillator Switching Characteristics—Crystal Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Oscillation frequency
19.2, 20, 27 MHz
MHz
tsX
Start-up time
4
ms
5.9.4.1.2 OSC0 Input Clock
A 1.8-V LVCMOS-Compatible Clock Input can be used instead of the internal oscillator to provide the
SYS_CLK1 clock input to the system. The external connections to support this are shown in Figure 5-7.
The xi_osc0 pin is connected to the 1.8-V LVCMOS-Compatible clock source. The xi_osc0 pin is left
unconnected. The vssa_osc0 pin is connected to board ground (vss).
Figure 5-7. 1.8-V LVCMOS-Compatible Clock Input
Table 5-18 summarizes the OSC0 input clock electrical characteristics.
Table 5-18. OSC0 Input Clock Electrical Characteristics—Bypass Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f
Frequency
19.2, 20, 27
MHz
CIN
Input capacitance
2.184
2.384
2.584
pF
IIN
Input current (3.3V mode)
4
6
10
µA
Table 5-19 details the OSC0 input clock timing requirements.
Table 5-19. OSC0 Input Clock Timing Requirements
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CK0
1 / tc(xiosc0)
Frequency, xi_osc0
19.2, 20, 27
MHz
CK1
tw(xiosc0)
Pulse duration, xi_osc0 low or high
0.45 × tc(xiosc0)
0.55 × tc(xiosc0)
ns
tj(xiosc0)
Period jitter(1), xi_osc0
0.01 × tc(xiosc0)
ns
tR(xiosc0)
Rise time, xi_osc0
5
ns
tF(xiosc0)
Fall time, xi_osc0
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com