Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 106 Page - Texas Instruments

Back Button DM505 Datasheet HTML 102Page - Texas Instruments DM505 Datasheet HTML 103Page - Texas Instruments DM505 Datasheet HTML 104Page - Texas Instruments DM505 Datasheet HTML 105Page - Texas Instruments DM505 Datasheet HTML 106Page - Texas Instruments DM505 Datasheet HTML 107Page - Texas Instruments DM505 Datasheet HTML 108Page - Texas Instruments DM505 Datasheet HTML 109Page - Texas Instruments DM505 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 286 page
background image
vssa_osc1
Device
xo_osc1
xi_osc1
NC
SPRS91v_CLK_06
106
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 5-11. 1.8-V LVCMOS-Compatible Clock Input
Table 5-22 summarizes the OSC1 input clock electrical characteristics.
Table 5-22. OSC1 Input Clock Electrical Characteristics—Bypass Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f
Frequency
Range from 12 to 38.4
MHz
CIN
Input capacitance
2.819
3.019
3.219
pF
IIN
Input current (3.3V mode)
4
6
10
µA
tsX
Start-up time(1)
See(2)
ms
(1) To switch from bypass mode to crystal or from crystal mode to bypass mode, there is a waiting time about 100 μs; however, if the chip
comes from bypass mode to crystal mode the crystal will start-up after time mentioned in Table 5-21, tsX parameter.
(2) Before the processor boots up and the oscillator is set to bypass mode, there is a waiting time when the internal oscillator is in
application mode and receives a wave. The switching time in this case is about 100 μs.
Table 5-23 details the OSC1 input clock timing requirements.
Table 5-23. OSC1 Input Clock Timing Requirements
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CK0
1 / tc(xiosc1)
Frequency, xi_osc1
Range from 12 to 38.4
MHz
CK1
tw(xiosc1)
Pulse duration, xi_osc1 low or high
0.45 × tc(xiosc1)
0.55 × tc(xiosc1)
ns
tj(xiosc1)
Period jitter(1), xi_osc1
0.01 × tc(xiosc1)
(3)
ns
tR(xiosc1)
Rise time, xi_osc1
5
ns
tF(xiosc1)
Fall time, xi_osc1
5
ns
tj(xiosc1)
Frequency accuracy(2), xi_osc1
Ethernet not used
±200
ppm
Ethernet RGMII using
derived clock
±50
ppm
(1) Period jitter is meant here as follows:
– The maximum value is the difference between the longest measured clock period and the expected clock period
– The minimum value is the difference between the shortest measured clock period and the expected clock period
(2) Crystal characteristics should account for tolerance+stability+aging.
(3) The Period jitter requirement for osc1 can be relaxed to 0.02*tc(xiosc1) under the following constraints:
a. The osc1/SYS_CLK2 clock bypasses all device PLLs
b. The osc1/SYS_CLK2 clock is only used to source the DSS pixel clock outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com