Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 104 Page - Texas Instruments

Back Button DM505 Datasheet HTML 100Page - Texas Instruments DM505 Datasheet HTML 101Page - Texas Instruments DM505 Datasheet HTML 102Page - Texas Instruments DM505 Datasheet HTML 103Page - Texas Instruments DM505 Datasheet HTML 104Page - Texas Instruments DM505 Datasheet HTML 105Page - Texas Instruments DM505 Datasheet HTML 106Page - Texas Instruments DM505 Datasheet HTML 107Page - Texas Instruments DM505 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 286 page
background image
CL=
C C
f1
2
f
(C +C )
2
f1
f
xi_osc1
vssa_osc1
Device
xo_osc1
C
f1
Crystal
Rd
C
f2
(Optional)
SPRS91v_CLK_05
xi_osc0
CK0
CK1
CK1
SPRS91v_CLK_04
104
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-19. OSC0 Input Clock Timing Requirements (continued)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
tj(xiosc0)
Frequency accuracy(2), xi_osc0
Ethernet not used
±200
ppm
Ethernet RGMII using
derived clock
±50
ppm
(1) Period jitter is meant here as follows:
– The maximum value is the difference between the longest measured clock period and the expected clock period
– The minimum value is the difference between the shortest measured clock period and the expected clock period
(2) Crystal characteristics should account for tolerance+stability+aging.
Figure 5-8. xi_osc0 Input Clock
5.9.4.1.3 Auxiliary Oscillator OSC1 Input Clock
SYS_CLK2 is received directly from oscillator OSC1. For more information about SYS_CLK2 see Device
TRM, Chapter: Power, Reset, and Clock Management.
5.9.4.1.3.1 OSC1 External Crystal
An external crystal is connected to the device pins. Figure 5-9 describes the crystal implementation.
Figure 5-9. Crystal Implementation
NOTE
The load capacitors, Cf1 and Cf2 in Figure 5-9, should be chosen such that the below
equation is satisfied. CL in the equation is the load specified by the crystal manufacturer. All
discrete components used to implement the oscillator circuit should be placed as close as
possible to the associated oscillator xi_osc1, xo_osc1, and vssa_osc1 pins.
Figure 5-10. Load capacitance equation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com