Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 110 Page - Texas Instruments

Back Button DM505 Datasheet HTML 106Page - Texas Instruments DM505 Datasheet HTML 107Page - Texas Instruments DM505 Datasheet HTML 108Page - Texas Instruments DM505 Datasheet HTML 109Page - Texas Instruments DM505 Datasheet HTML 110Page - Texas Instruments DM505 Datasheet HTML 111Page - Texas Instruments DM505 Datasheet HTML 112Page - Texas Instruments DM505 Datasheet HTML 113Page - Texas Instruments DM505 Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 286 page
background image
110
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
5.9.4.3.2 DLL Characteristics
Table 5-27 summarizes the DLL characteristics and assumes testing over recommended operating
conditions.
Table 5-27. DLL Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
finput
Input clock frequency (EMIF_DLL_FCLK)
266
MHz
tlock
Lock time
50k
cycles
trelock
Relock time (a change of the DLL frequency implies that DLL must relock)
50k
cycles
5.9.4.3.2.1 DPLL and DLL Noise Isolation
NOTE
For more information on DPLL and DLL decoupling capacitor requirements, see the External
Capacitors / Voltage Decoupling Capacitors / I/O and Analog Voltage Decoupling / VDDA
Power Domain section.
5.9.5
Recommended Clock and Control Signal Transition Behavior
All clocks and control signals must transition between VIH and VIL (or between VIL and VIH) in a monotonic
manner. Monotonic transitions are more easily guaranteed with faster switching signals. Slower input
transitions are more susceptible to glitches due to noise and special care should be taken for slow input
clocks.
5.9.6
Peripherals
5.9.6.1
Timing Test Conditions
All timing requirements and switching characteristics are valid over the recommended operating conditions
unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com