Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 203 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 203 Page - Texas Instruments

Back Button DM505 Datasheet HTML 199Page - Texas Instruments DM505 Datasheet HTML 200Page - Texas Instruments DM505 Datasheet HTML 201Page - Texas Instruments DM505 Datasheet HTML 202Page - Texas Instruments DM505 Datasheet HTML 203Page - Texas Instruments DM505 Datasheet HTML 204Page - Texas Instruments DM505 Datasheet HTML 205Page - Texas Instruments DM505 Datasheet HTML 206Page - Texas Instruments DM505 Datasheet HTML 207Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 286 page
background image
203
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2017, Texas Instruments Incorporated
•
Each processor can generate triggers that can be used to alter the execution flow of other processors
System topics include but are not limited to:
•
System clocking and power-down issues
•
Interconnection of multiple devices
•
Trigger channels
The device deploys Texas Instrument's CTools debug technology for on-chip debug and trace support. It
provides the following features:
•
External debug interfaces:
–
Primary debug interface - IEEE1149.1 (JTAG) or IEEE1149.7 (complementary superset of JTAG)
•
Used for debugger connection
•
Default mode is IEEE1149.1 but debugger can switch to IEEE1149.7 via an IEEE1149.7
adapter module
•
Controls ICEPick™ (generic test access port [TAP] for dynamic TAP insertion) to allow the
debugger to access several debug resources through its secondary (output) JTAG ports (for
more information, see section ICEPick Secondary TAPs in chapter On-Chip Debug Support of
the Device TRM).
–
Debug (trace) port
•
Can be used to export processor or system trace off-chip (to an external trace receiver)
•
Can be used for cross-triggering with an external device
•
Configured through debug resources manager (DRM) module instantiated in the debug
subsystem
•
For more information about debug (trace) port, see sections Debug (Trace) Port and Concurrent
Debug Modes in chapter On-Chip Debug Support of the Device TRM.
•
JTAG based processor debug on:
–
C66x in DSP1
–
Cortex-M4 (x2) in IPU
–
ARP32 in EVE
•
Dynamic TAP insertion
–
Controlled by ICEPick
–
For more information, see section Dynamic TAP Insertion in chapter On-Chip Debug Support
•
Power and clock management
–
Debugger can get the status of the power domain associated to each TAP.
–
Debugger may prevent the application software switching off the power domain.
–
Application power management behavior can be preserved during debug across power transitions.
–
For more information, see section Power and Clock Management in chapter On-Chip Debug
Support of the Device TRM.
•
Reset management
–
Debugger can configure ICEPick to assert, block, or extend the reset of a given subsystem.
–
For more information, see section Reset Management in chapter On-Chip Debug Support of the
Device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com