Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 216 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 216 Page - Texas Instruments

Back Button DM505 Datasheet HTML 212Page - Texas Instruments DM505 Datasheet HTML 213Page - Texas Instruments DM505 Datasheet HTML 214Page - Texas Instruments DM505 Datasheet HTML 215Page - Texas Instruments DM505 Datasheet HTML 216Page - Texas Instruments DM505 Datasheet HTML 217Page - Texas Instruments DM505 Datasheet HTML 218Page - Texas Instruments DM505 Datasheet HTML 219Page - Texas Instruments DM505 Datasheet HTML 220Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 286 page
background image
BAD
BETTER
SPRS91v_PCB_EMC_01
216
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 7-11. Trace Examples
•
Always route signal traces and their associated ground returns as close to one another as possible to
minimize the loop area enclosed by current flow:
–
At high frequencies current follows the path of least inductance.
–
At low frequencies current flows through the path of least resistance.
7.2.5.3
ESD Protection System Design Consideration
ESD protection system design consideration is covered in of this document. The following are additional
considerations for ESD protection in a system.
•
Metallic shielding for both ESD and EMI
•
Chassis GND isolation from the board GND
•
Air gap designed on board to absorb ESD energy
•
Clamping diodes to absorb ESD energy
•
Capacitors to divert ESD energy
•
The use of external ESD components on the DP/DM lines may affect signal quality and are not
recommended.
7.2.6
EMI / EMC Issues Prevention
All high-speed digital integrated circuits can be sources of unwanted radiation, which can affect nearby
sensitive circuitry and cause the final product to have radiated emissions levels above the limits allowed
by the EMC regulations if some preventative steps are not taken.
Likewise, analog and digital circuits can be susceptible to interference from the outside world and picked
up by the circuitry interconnections.
To minimize the potential for EMI/EMC issues, the following guidelines are recommended to be followed.
7.2.6.1
Signal Bandwidth
To evaluate the frequency of a digital signal, an estimated rule of thumb is to consider its bandwidth fBW
with respect to its rise time, tR:
fBW ≈ 0.35 / tR
This frequency actually corresponds to the break point in the signal spectrum, where the harmonics start
to decay at 40 dB per decade instead of 20 dB per decade.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com