Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 28Page - Analog Devices AD9163BBCZ Datasheet HTML 29Page - Analog Devices AD9163BBCZ Datasheet HTML 30Page - Analog Devices AD9163BBCZ Datasheet HTML 31Page - Analog Devices AD9163BBCZ Datasheet HTML 32Page - Analog Devices AD9163BBCZ Datasheet HTML 33Page - Analog Devices AD9163BBCZ Datasheet HTML 34Page - Analog Devices AD9163BBCZ Datasheet HTML 35Page - Analog Devices AD9163BBCZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 124 page
background image
Data Sheet
AD9163
Rev. 0 | Page 31 of 123
Table 15. Data Structure per Lane for JESD204B Operating Modes1
JESD204B Parameters
Lane No.
Frame 0
Frame 1
Frame 2
Frame 3
L = 8, M = 2, F = 1, S = 2
Lane 0
M0S0[15:8]
Lane 1
M0S0[7:0]
Lane 2
M0S1[15:8]
Lane 3
M0S1[7:0]
Lane 4
M1S0[15:8]
Lane 5
M1S0[7:0]
Lane 6
M1S1[15:8]
Lane 7
M1S1[7:0]
L = 6, M = 2, F = 2, S = 3
Lane 0
M0S0[15:8]
M0S0[7:0]
Lane 1
M0S1[15:8]
M0S1[7:0]
Lane 2
M0S2[15:8]
M0S2[7:0]
Lane 3
M1S0[15:8]
M1S0[7:0]
Lane 4
M1S1[15:8]
M1S1[7:0]
Lane 5
M1S2[15:8]
M1S2[7:0]
L = 4, M = 2, F = 1, S = 1
Lane 0
M0S0[15:8]
Lane 1
M0S0[7:0]
Lane 2
M1S0[15:8]
Lane 3
M1S0[7:0]
L = 3, M = 2, F = 4, S = 3
Lane 0
M0S0[15:8]
M0S0[7:0]
M0S1[15:8]
M0S1[7:0]
Lane 1
M0S2[15:8]
M0S2[7:0]
M1S0[15:8]
M1S0[7:0]
Lane 2
M1S1[15:8]
M1S1[7:0]
M1S2[15:8]
M1S2[7:0]
L = 2, M = 2, F = 2, S = 1
Lane 0
M0S0[15:8]
M0S0[7:0]
Lane 1
M1S0[15:8]
M1S0[7:0]
L = 1, M = 2, F = 4, S = 1
Lane 0
M0S0[15:8]
M0S0[7:0]
M1S0[15:8]
M1S0[7:0]
1
Mx is the converter number and Sy is the sample number. For example, M0S0 means Converter 0, Sample 0. Blank cells are not applicable.
PHYSICAL LAYER
The physical layer of the JESD204B interface, hereafter referred
to as the deserializer, has eight identical channels. Each channel
consists of the terminators, an equalizer, a clock and data recovery
(CDR) circuit, and the 1:40 demux function (see Figure 91).
EQUALIZER
CDR
1:40
DESERIALIZER
FROM SERDES PLL
SPI
CONTROL
TERMINATION
SERDINx±
Figure 91. Deserializer Block Diagram
JESD204B data is input to the AD9163 via the SERDINx± 1.2 V
differential input pins as per the JESD204B specification.
Interface Power-Up and Input Termination
Before using the JESD204B interface, it must be powered up by
setting Register 0x200, Bit 0 = 0. In addition, each physical lane
(PHY) that is not being used (SERDINx±) must be powered
down. To do so, set the corresponding Bit x for Physical Lane x in
Register 0x201 to 0 if the physical lane is being used, and to 1 if it is
not being used.
The AD9163 autocalibrates the input termination to 50 Ω.
Before running the termination calibration, Register 0x2A7 and
Register 0x2AE must be written as described in Table 16 to
guarantee proper calibration. The termination calibration begins
when Register 0x2A7, Bit 0 and Register 0x2AE, Bit 0 transition
from low to high. Register 0x2A7 controls autocalibration for
PHY 0, PHY 1, PHY 6, and PHY 7. Register 0x2AE controls
autocalibration for PHY 2, PHY 3, PHY 4, and PHY 5.
The PHY termination autocalibration routine is as shown in
Table 16.
Table 16. PHY Termination Autocalibration Routine
Address
Value
Description
0x2A7
0x01
Autotune PHY 0, PHY 1, PHY 6, and
PHY 7 terminations
0x2AE
0x01
Autotune PHY 2, PHY 3, PHY 4, and
PHY 5 terminations
The input termination voltage of the DAC is sourced externally
via the VTT_1P2 pins (K3 and K11). Set VTT, the termination
voltage, by connecting it to VDD_1P2. It is recommended that
the JESD204B inputs be ac-coupled to the JESD204B transmit
device using 100 nF capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com