Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 25Page - Analog Devices AD9163BBCZ Datasheet HTML 26Page - Analog Devices AD9163BBCZ Datasheet HTML 27Page - Analog Devices AD9163BBCZ Datasheet HTML 28Page - Analog Devices AD9163BBCZ Datasheet HTML 29Page - Analog Devices AD9163BBCZ Datasheet HTML 30Page - Analog Devices AD9163BBCZ Datasheet HTML 31Page - Analog Devices AD9163BBCZ Datasheet HTML 32Page - Analog Devices AD9163BBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 124 page
background image
AD9163
Data Sheet
Rev. 0 | Page 28 of 123
SERIAL PORT OPERATION
The serial port is a flexible, synchronous serial communications
port that allows easy interfacing with many industry-standard
microcontrollers and microprocessors. The serial input/output
(I/O) is compatible with most synchronous transfer formats,
including both the Motorola SPI and Intel® SSR protocols. The
interface allows read/write access to all registers that configure
the AD9163. MSB first or LSB first transfer formats are supported.
The serial port interface can be configured as a 4-wire interface
or a 3-wire interface in which the input and output share a single-
pin I/O (SDIO).
SCLK
SDIO
SDO
CS
SPI
PORT
H10
G10
G11
F12
Figure 85. Serial Port Interface Pins
There are two phases to a communication cycle with the AD9163.
Phase 1 is the instruction cycle (the writing of an instruction
byte into the device), coincident with the first 16 SCLK rising
edges. The instruction word provides the serial port controller
with information regarding the data transfer cycle, Phase 2 of
the communication cycle. The Phase 1 instruction word defines
whether the upcoming data transfer is a read or write, along with
the starting register address for the following data transfer.
A logic high on the CS pin followed by a logic low resets the
serial port timing to the initial state of the instruction cycle.
From this state, the next 16 rising SCLK edges represent the
instruction bits of the current I/O operation.
The remaining SCLK edges are for Phase 2 of the communication
cycle. Phase 2 is the actual data transfer between the device and
the system controller. Phase 2 of the communication cycle is a
transfer of one or more data bytes. Eight × N SCLK cycles are
needed to transfer N bytes during the transfer cycle. Registers
change immediately upon writing to the last bit of each transfer
byte, except for the frequency tuning word (FTW) and numerically
controlled oscillator (NCO) phase offsets, which change only when
the frequency tuning word FTW_LOAD_REQ bit is set.
DATA FORMAT
The instruction byte contains the information shown in Table 13.
Table 13. Serial Port Instruction Word
I15 (MSB)
I[14:0]
R/W
A[14:0]
R/W, Bit 15 of the instruction word, determines whether a read
or a write data transfer occurs after the instruction word write.
Logic 1 indicates a read operation, and Logic 0 indicates a write
operation.
A14 to A0, Bit I14 to Bit I0 of the instruction word, determine
the register that is accessed during the data transfer portion of
the communication cycle. For multibyte transfers, A[14:0] is the
starting address. The remaining register addresses are generated
by the device based on the address increment bit. If the address
increment bits are set high (Register 0x000, Bit 5 and Bit 2),
multibyte SPI writes start on A[14:0] and increment by 1 every
eight bits sent/received. If the address increment bits are set to
0, the address decrements by 1 every eight bits.
SERIAL PORT PIN DESCRIPTIONS
Serial Clock (SCLK)
The serial clock pin synchronizes data to and from the device
and runs the internal state machines. The maximum frequency
of SCLK is 100 MHz. All data input is registered on the rising
edge of SCLK. All data is driven out on the falling edge of SCLK.
Chip Select (CS)
An active low input starts and gates a communication cycle.
CS allows more than one device to be used on the same serial
communications lines. The SDIO pin goes to a high impedance
state when this input is high. During the communication cycle,
the chip select must stay low.
Serial Data I/O (SDIO)
This pin is a bidirectional data line. In 4-wire mode, this pin
acts as the data input and SDO acts as the data output.
SERIAL PORT OPTIONS
The serial port can support both MSB first and LSB first data
formats. This functionality is controlled by the LSB first bit
(Register 0x000, Bit 6 and Bit 1). The default is MSB first (LSB
bit = 0).
When the LSB first bits = 0 (MSB first), the instruction and data
bits must be written from MSB to LSB. R/W is followed by
A[14:0] as the instruction word, and D[7:0] is the data-word.
When the LSB first bits = 1 (LSB first), the opposite is true.
A[0:14] is followed by R/W, which is subsequently followed by
D[0:7].
The serial port supports a 3-wire or 4-wire interface. When the
SDO active bits = 1 (Register 0x000, Bit 4 and Bit 3), a 4-wire
interface with a separate input pin (SDIO) and output pin (SDO) is
used. When the SDO active bits = 0, the SDO pin is unused and
the SDIO pin is used for both the input and the output.
Multibyte data transfers can be performed as well by holding
the CS pin low for multiple data transfer cycles (eight SCLKs)
after the first data transfer word following the instruction cycle.
The first eight SCLKs following the instruction cycle read from
or write to the register provided in the instruction cycle. For
each additional eight SCLK cycles, the address is either incre-
mented or decremented and the read/write occurs on the new
register. The direction of the address can be set using ADDRINC or
ADDRINC_M (Register 0x000, Bit 5 and Bit 2). When ADDRINC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com