Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 6Page - Analog Devices AD9163BBCZ Datasheet HTML 7Page - Analog Devices AD9163BBCZ Datasheet HTML 8Page - Analog Devices AD9163BBCZ Datasheet HTML 9Page - Analog Devices AD9163BBCZ Datasheet HTML 10Page - Analog Devices AD9163BBCZ Datasheet HTML 11Page - Analog Devices AD9163BBCZ Datasheet HTML 12Page - Analog Devices AD9163BBCZ Datasheet HTML 13Page - Analog Devices AD9163BBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 124 page
background image
Data Sheet
AD9163
Rev. 0 | Page 9 of 123
ABSOLUTE MAXIMUM RATINGS
Table 10.
Parameter
Rating
ISET, VREF to VBG_NEG
−0.3 V to VDD25_DAC + 0.3 V
SERDINx±, VTT_1P2,
SYNCOUT±
−0.3 V to SYNC_VDD_3P3 + 0.3 V
OUTPUT± to VNEG_N1P2
−0.3 V to VDD25_DAC + 0.3 V
SYSREF±
GND − 0.5 V to +2.5 V
CLK± to Ground
−0.3 V to VDD12_CLK + 0.3 V
RESET, IRQ, CS, SCLK, SDIO,
SDO to Ground
−0.3 V to IOVDD + 0.3 V
Junction Temperature1
fDAC = 6 GSPS
105°C
fDAC ≤ 5.1 GSPS
110°C
Ambient Operating
Temperature Range (TA)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
1 Some operating modes of the device may cause the device to approach or
exceed the maximum junction temperature during operation at supported
ambient temperatures. Removal of heat from the device may require
additional measures such as active airflow, heat sinks, or other measures.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
REFLOW PROFILE
The AD9163 reflow profile is in accordance with the JEDEC
JESD204B criteria for Pb-free devices. The maximum reflow
temperature is 260°C.
THERMAL MANAGEMENT
The AD9163 is a high power device that can dissipate nearly
3 W depending on the user application and configuration.
Because of the power dissipation, the AD9163 uses an exposed
die package to give the customer the most effective method of
controlling the die temperature. The exposed die allows cooling
of the die directly.
Figure 3 shows the profile view of the device mounted to a user
printed circuit board (PCB) and a heat sink (typically the
aluminum case) to keep the junction (exposed die) below the
maximum junction temperature in Table 10.
CUSTOMER CASE (HEAT SINK)
CUSTOMER THERMAL FILLER
SILICON (DIE)
IC PROFILE
PACKAGE SUBSTRATE
CUSTOMER PCB
Figure 3. Typical Thermal Management Solution
THERMAL RESISTANCE
Typical θJA and θJC values are specified for a 4-layer JEDEC 2S2P
high effective thermal conductivity test board for balled
surface-mount packages. θJA is obtained in still air conditions
(JESD51-2). Airflow increases heat dissipation, effectively reducing
θJA. θJC is obtained with the test case temperature monitored at
the bottom of the package.
ΨJT is thermal characteristic parameters obtained with θJA in still
air test conditions but are not applicable to the CSP_BGA package.
Estimate the junction temperature (TJ) using the following
equations:
TJ = TT + (ΨJT × PDISS)
where:
TT is the temperature measured at the top of the package.
PDISS is the total device power dissipation.
Table 11. Thermal Resistance
Package Type
θJA
θJC
Unit
BC-169-2
14.6
0.02
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com