Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 3Page - Analog Devices AD9163BBCZ Datasheet HTML 4Page - Analog Devices AD9163BBCZ Datasheet HTML 5Page - Analog Devices AD9163BBCZ Datasheet HTML 6Page - Analog Devices AD9163BBCZ Datasheet HTML 7Page - Analog Devices AD9163BBCZ Datasheet HTML 8Page - Analog Devices AD9163BBCZ Datasheet HTML 9Page - Analog Devices AD9163BBCZ Datasheet HTML 10Page - Analog Devices AD9163BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 124 page
background image
AD9163
Data Sheet
Rev. 0 | Page 6 of 123
JESD204B SERIAL INTERFACE SPEED SPECIFICATIONS
VDD25_DAC = 2.5 V, VDD12A = VDD12_CLK = 1.2 V, VNEG_N1P2 = −1.2 V, DVDD = 1.2 V, IOVDD = 2.5 V, VDD_1P2 =
DVDD_1P2 = PLL_LDO_VDD12 = 1.2 V, SYNC_VDD_3P3 = 3.3 V, IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted.
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SERIAL INTERFACE SPEED
Guaranteed operating range
Half Rate
6
12.5
Gbps
Full Rate
3
6.25
Gbps
Oversampling
1.5
3.125
Gbps
2× Oversampling
0.750
1.5625
Gbps
SYSREF± TO DAC CLOCK TIMING SPECIFICATIONS
VDD25_DAC = 2.5 V, VDD12A = VDD12_CLK = 1.2 V, VNEG_N1P2 = −1.2 V, DVDD = 1.2 V, IOVDD = 2.5 V, VDD_1P2 =
DVDD_1P2 = PLL_LDO_VDD12 = 1.2 V, SYNC_VDD_3P3 = 3.3 V, IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted.
Table 6.
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
SYSREF± DIFFERENTIAL SWING = 1.0 V
Minimum Setup Time, tSYSS
AC-coupled
65
117
ps
DC-coupled, common-mode voltage = 0 V
45
77
ps
DC-coupled, common-mode voltage = 1.25 V
68
129
ps
Minimum Hold Time, tSYSH
AC-coupled
19
63
ps
DC-coupled, common-mode voltage = 0 V
5
37
ps
DC-coupled, common-mode voltage = 1.25 V
51
114
ps
1
The SYSREF± pulse must be at least four DAC clock edges wide plus the setup and hold times in Table 6. For more information, see the Sync Processing Modes
Overview section.
SYSREF+
tSYSS
CLK+
tSYSH
MIN 4 DAC CLOCK EDGES
Figure 2. SYSREF± to DAC Clock Timing Diagram (Only SYSREF+ and CLK+ Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com