Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 59Page - Analog Devices AD9163BBCZ Datasheet HTML 60Page - Analog Devices AD9163BBCZ Datasheet HTML 61Page - Analog Devices AD9163BBCZ Datasheet HTML 62Page - Analog Devices AD9163BBCZ Datasheet HTML 63Page - Analog Devices AD9163BBCZ Datasheet HTML 64Page - Analog Devices AD9163BBCZ Datasheet HTML 65Page - Analog Devices AD9163BBCZ Datasheet HTML 66Page - Analog Devices AD9163BBCZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 124 page
background image
AD9163
Data Sheet
Rev. 0 | Page 62 of 123
SHUFFLE MODE
The spurious performance of the AD9163 can be improved with
a feature called shuffle mode. Shuffle mode uses proprietary
technology to spread the energy of spurious signals across the
DAC output as random noise. Shuffle mode is enabled by
programming Register 0x151, Bit 2 = 0b1. Because shuffle is
implemented with the MSBs, it is more effective when the DAC
is operated with a small amount of digital backoff.
The amount of noise rise caused by shuffle mode is directly
related to the power in the affected spurious signals. Because
the AD9163 has good spurious performance without shuffle
active, the penalty of shuffle mode to the noise spectral density
is typically about 1 dB to 3 dB. Shuffle mode reduces spurious
performance related to clock and foldback spurs, but does not
affect real harmonics of the DAC output. Examples of the
effects of shuffle mode are given in the Typical Performance
Characteristics section (see Figure 47, Figure 48, Figure 62,
Figure 63, and Figure 64).
DLL
The CLK± input goes to a high frequency DLL to ensure robust
locking of the DAC sample clock to the input clock. The DLL is
configured and enabled as part of the recommended start-up
sequence. The DLL control registers are located at Register 0x090
through Register 0x09B. The DLL settings are determined during
product characterization and are given in the recommended
start-up sequence (see the Start-Up Sequence section). It is not
normally necessary to change these values, nor is the product
characterization data valid on any settings other than the recom-
mended ones.
VOLTAGE REFERENCE
The AD9163 output current is set by a combination of digital
control bits and the ISET reference current, as shown in Figure 133.
CURRENT
SCALING
ANA_FULL_SCALE_CURRENT[9:0]
AD9163
DAC
IOUTFS
9.6k
Ω
1µF
VREF
ISET
VSS
ISET
VBG
1.2V
+
–
VNEG_N1P2
Figure 133. Voltage Reference Circuit
The reference current is obtained by forcing the band gap
voltage across an external 9.6 kΩ resistor from ISET (Ball A12)
to VNEG_N1P2. The 1.2 V nominal band gap voltage (VREF)
generates a 125 µA reference current, ISET, in the 9.6 kΩ
resistor, RSET. The maximum full-scale current setting is related
to the external resistor by the following equation:
IOUTFS = 1.2 V/RSET × 320 (mA)
Note the following constraints when configuring the voltage
reference circuit:
•
Both the 9.6 kΩ resistor and 1 µF bypass capacitor are
required for proper operation.
•
Adjusting the DAC output full-scale current, IOUTFS, from
its default setting of 40 mA must be performed digitally.
•
The AD9163 is not a multiplying DAC. Modulation of the
reference current, ISET, with an ac signal is not supported.
•
The band gap voltage appearing at the VREF pin must be
buffered for use with an external circuitry because it has a
high output impedance.
•
An external reference can be used to overdrive the internal
reference by connecting it to the VREF pin.
The IOUTFS value can be adjusted digitally over an 8 mA to
40 mA range by the ANA_FULL_SCALE_CURRENT[9:0] bits
(Register 0x042, Bits[7:0] and Register 0x041, Bits[1:0]). The
following equation relates IOUTFS to the ANA_FULL_SCALE_
CURRENT[9:0] bits, which can be set from 0 to 1023.
IOUTFS = 32 mA × (ANA_FULL_SCALE_CURRENT[9:0]/1023) +
8 mA
Note that the default value of 0x3FF generates 40 mA full scale,
and this value is used for most of the characterization presented
in this data sheet, unless noted otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com