Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 87 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 87 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 83Page - Analog Devices AD9163BBCZ Datasheet HTML 84Page - Analog Devices AD9163BBCZ Datasheet HTML 85Page - Analog Devices AD9163BBCZ Datasheet HTML 86Page - Analog Devices AD9163BBCZ Datasheet HTML 87Page - Analog Devices AD9163BBCZ Datasheet HTML 88Page - Analog Devices AD9163BBCZ Datasheet HTML 89Page - Analog Devices AD9163BBCZ Datasheet HTML 90Page - Analog Devices AD9163BBCZ Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 124 page
background image
AD9163
Data Sheet
Rev. 0 | Page 86 of 123
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset Access
0x253 EQ_CONFIG_PHY_6_7
[7:4] SPI_EQ_CONFIG7
0x8
R/W
0000 Manual mode (SPI configured
values used).
0001 Boost level = 1.
0010 Boost level = 2.
0011 Boost level = 3.
0100 Boost level = 4.
0101 Boost level = 5.
0110 Boost level = 6.
0111 Boost level = 7.
1000 Boost level = 8.
1001 Boost level = 9.
1010 Boost level = 10.
1011 Boost level = 11.
1100 Boost level = 12.
1101 Boost level = 13.
1110 Boost level = 14.
1111 Boost level = 15.
[3:0] SPI_EQ_CONFIG6
0x8
R/W
0000 Manual mode (SPI configured
values used).
0001 Boost level = 1.
0010 Boost level = 2.
0011 Boost level = 3.
0100 Boost level = 4.
0101 Boost level = 5.
0110 Boost level = 6.
0111 Boost level = 7.
1000 Boost level = 8.
1001 Boost level = 9.
1010 Boost level = 10.
1011 Boost level = 11.
1100 Boost level = 12.
1101 Boost level = 13.
1110 Boost level = 14.
1111 Boost level = 15.
0x268 EQ_BIAS_REG
[7:6] EQ_POWER_MODE
Controls the equalizer power
mode/insertion loss capability.
0x1
R/W
00 Normal mode.
01 Low power mode.
[5:0] RESERVED
Reserved.
0x4
R/W
0x280 SYNTH_ENABLE_CNTRL
[7:3] RESERVED
Reserved.
0x0
R
2
SPI_RECAL_SYNTH
Set this bit high to rerun all of
the SERDES PLL calibration
routines. Set this bit low again to
allow additional recalibrations.
Rising edge causes the
calibration.
0x0
R/W
1
RESERVED
Reserved.
0x0
R/W
0
SPI_ENABLE_SYNTH
Enable the SERDES PLL. Setting
this bit turns on all currents and
proceeds to calibrate the PLL.
Make sure reference clock and
division ratios are correct before
enabling this bit.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com