Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 60Page - Analog Devices AD9163BBCZ Datasheet HTML 61Page - Analog Devices AD9163BBCZ Datasheet HTML 62Page - Analog Devices AD9163BBCZ Datasheet HTML 63Page - Analog Devices AD9163BBCZ Datasheet HTML 64Page - Analog Devices AD9163BBCZ Datasheet HTML 65Page - Analog Devices AD9163BBCZ Datasheet HTML 66Page - Analog Devices AD9163BBCZ Datasheet HTML 67Page - Analog Devices AD9163BBCZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 124 page
background image
Data Sheet
AD9163
Rev. 0 | Page 63 of 123
VCO
PLL
ADF4355
fREF
2GHz TO 6GHz
0dBm
100pF
7.4nH
VOUT
VOUT
7.4nH
100pF
AD9163
CLK+
CLK–
OUTPUT
STAGE
Figure 134. Possible Signal Chain for CLK± Input
ANALOG OUTPUTS
Equivalent DAC Output and Transfer Function
The AD9163 provides complementary current outputs, OUTPUT+
and OUTPUT−, that sink current from an external load that is
referenced to the 2.5 V VDD25_DAC supply. Figure 135 shows
an equivalent output circuit for the DAC. Compared to most
current output DACs of this type, the outputs of the AD9163
consists of a constant current (IFIXED), and a peak differential ac
current, ICS (ICS = ICSP + ICSN). These two currents combine to
form the IINTx currents shown in Figure 135. The internal
currents, IINTP and IINTN, are sent to the output pin and to an
input termination resistance equivalent to 100 Ω pulled to the
VDD25_DAC supply (RINT). This termination serves to divide the
output current based on the external termination resistors that
are pulled to VDD25_DAC.
ICSP
IOUTFS = 8mA TO 40mA
VDD25_DAC
VDD25_DAC
100Ω
OUTPUT+
OUTPUT–
100Ω
ICSN
IFIXED
IFIXED
IINTN
IINTP
Figure 135. Equivalent DAC Output Circuit
The example shown in Figure 135 can be modeled as a pair of
dc current sources that source a current of IOUTFS to each output.
This differential ac current source is used to model the signal
(that is, a digital code) dependent nature of the DAC output.
The polarity and signal dependency of this ac current source are
related to the digital code (F) by the following equation:
F (code) = (DACCODE – 32,768)/32,768
(2)
where:
−1 ≤ F (code) < +1.
DACCODE = 0 to 65,535 (decimal).
The current that is measured at the OUTPUT+ and OUTPUT−
outputs is as follows:
OUTPUT+ = (IFIXED (mA) + (F × IOUTFS)/FMAX(mA)) ×
(RINT/(RINT + RLOAD)
(3)
OUTPUT− = (IFIXED (mA) + ((FMAX − F) × IOUTFS)/FMAX(mA)) ×
(RINT/(RINT + RLOAD)
The IFIXED value is about 3.8 mA. It is important to note that the
AD9163 output cannot support dc coupling to the external load,
and thus must be ac-coupled through appropriately sized capacitors
for the chosen operating frequencies. Figure 136 shows the
OUTPUT+ vs. DAC code transfer function when IOUTFS is set to
40 mA.
DAC CODE
45
40
35
30
25
20
15
10
5
0
0
16384
32768
49152
65536
Figure 136. Gain Curve for ANA_FULL_SCALE_CURRENT[9:0] = 1023, DAC
Offset = 3.8 mA
Peak DAC Output Power Capability
The maximum peak power capability of a differential current
output DAC is dependent on its peak differential ac current,
IPEAK, and the equivalent load resistance it sees. In the case of a
1:1 balun with 100 Ω differential source termination, the equiva-
lent load that is seen by the DAC ac current source is 50 Ω. If
the AD9163 is programmed for an IOUTFS = 40 mA, its ideal peak
ac current is 20 mA and its maximum power, delivered to the
equivalent load, is 10 × (RINT/(RINT + RLOAD) = 8 mW (that is, P =
I2R). Because the source and load resistance seen by the 1:1
balun are equal, this power is shared equally. Therefore, the
output load receives 4 mW, or 6 dBm maximum power.
To calculate the rms power delivered to the load, consider the
following:
•
Peak to rms ratio of the digital waveform
•
Any digital backoff from digital full scale
•
DAC sinc response and nonideal losses in the external
network
•
DAC analog roll-off due to switch parasitic capacitance and
load impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com