Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 16Page - Analog Devices AD9163BBCZ Datasheet HTML 17Page - Analog Devices AD9163BBCZ Datasheet HTML 18Page - Analog Devices AD9163BBCZ Datasheet HTML 19Page - Analog Devices AD9163BBCZ Datasheet HTML 20Page - Analog Devices AD9163BBCZ Datasheet HTML 21Page - Analog Devices AD9163BBCZ Datasheet HTML 22Page - Analog Devices AD9163BBCZ Datasheet HTML 23Page - Analog Devices AD9163BBCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 124 page
background image
Data Sheet
AD9163
Rev. 0 | Page 19 of 123
IOUTFS = 40 mA, fDAC = 5.0 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
4000
2000
3000
5000
6000
8000
7000
fOUT (MHz)
–50
–60
–80
–40
–70
–100
–90
DIGITAL SCALE = 0dB
DIGITAL SCALE = –6dB
DIGITAL SCALE = –12dB
DIGITAL SCALE = –18dB
SHUFFLE FALSE
SHUFFLE TRUE
Figure 47. SFDR vs. fOUT over Digital Scale
4000
2000
3000
5000
6000
8000
7000
fOUT (MHz)
–50
–60
–80
–40
–70
–100
–90
DIGITAL SCALE = 0dB
DIGITAL SCALE = –6dB
DIGITAL SCALE = –12dB
DIGITAL SCALE = –18dB
SHUFFLE FALSE
SHUFFLE TRUE
Figure 48. IMD vs. fOUT over Digital Scale
4000
1000
3000
2000
5000
6000
9000
8000
7000
fOUT (MHz)
–50
–60
–80
–40
–70
–100
–90
fDAC = 2500MHz
fDAC = 3000MHz
fDAC = 5000MHz
fDAC = 6000MHz
Figure 49. SFDR vs. fOUT over fDAC
4000
2000
3000
5000
6000
8000
7000
fOUT (MHz)
–50
–60
–80
–40
–70
–100
–90
IOUTFS = 20mA
IOUTFS = 30mA
IOUTFS = 40mA
Figure 50. SFDR vs. fOUT over DAC IOUTFS
4000
2000
3000
5000
6000
8000
7000
fOUT (MHz)
–50
–60
–80
–40
–70
–100
–90
IOUTFS = 20mA
IOUTFS = 30mA
IOUTFS = 40mA
Figure 51. IMD vs. fOUT over DAC IOUTFS
fDAC = 2500MHz
fDAC = 3000MHz
fDAC = 5000MHz
fDAC = 6000MHz
4000
1000
2000
3000
5000
6000
9000
8000
7000
fOUT (MHz)
–50
–60
–80
–40
–70
–100
–90
Figure 52. IMD vs. fOUT over fDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com