Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 57Page - Analog Devices AD9163BBCZ Datasheet HTML 58Page - Analog Devices AD9163BBCZ Datasheet HTML 59Page - Analog Devices AD9163BBCZ Datasheet HTML 60Page - Analog Devices AD9163BBCZ Datasheet HTML 61Page - Analog Devices AD9163BBCZ Datasheet HTML 62Page - Analog Devices AD9163BBCZ Datasheet HTML 63Page - Analog Devices AD9163BBCZ Datasheet HTML 64Page - Analog Devices AD9163BBCZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 124 page
background image
AD9163
Data Sheet
Rev. 0 | Page 60 of 123
ANALOG INTERFACE CONSIDERATIONS
ANALOG MODES OF OPERATION
The AD9163 uses the quad-switch architecture shown in Figure 126.
Only one pair of switches is enabled during a half-clock cycle, thus
requiring each pair to be clocked on alternative clock edges. A
key benefit of the quad-switch architecture is that it masks the code
dependent glitches that occur in the conventional two-switch
DAC architecture.
VG1
VSSA
IOUTP
IOUTN
VG1
VG2 VG3
VG4
CLK±
CLK
LATCHES
DATA INPUT
VG2
VG3
VG4
Figure 126. Quad-Switch Architecture
In two-switch architecture, when a switch transition occurs and
D1 and D2 are in different states, a glitch occurs. However, if D1
and D2 happen to be at the same state, the switch transitions and
no glitches occur. This code dependent glitching causes an
increased amount of distortion in the DAC. In quad-switch
architecture (no matter what the codes are), two switches are
always transitioning at each half-clock cycle, thus eliminating
the code-dependent glitches, but, in the process, creating a constant
glitch at 2 × fDAC. For this reason, a significant clock spur at 2 ×
fDAC is evident in the DAC output spectrum.
INPUT
DATA
DACCLK_x
TWO-SWITCH
DAC OUTPUT
FOUR-SWITCH
DAC OUTPUT
(NORMAL MODE)
t
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10
D6
D7
D8
D9 D10
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10
D1
D2
D3
D4
D5
t
Figure 127. Two-Switch and Quad-Switch DAC Waveforms
As a consequence of the quad-switch architecture enabling
updates on each half-clock cycle, it is possible to operate that
DAC core at 2× the DAC clock rate if new data samples are latched
into the DAC core on both the rising and falling edges of the
DAC clock. This notion serves as the basis when operating the
AD9163 in either Mix-Mode or return to zero (RZ) mode. In
each case, the DAC core is presented with new data samples on
each clock edge: in RZ mode, the rising edge clocks data and
the falling edge clocks zero, whereas in Mix-Mode, the falling
edge sample is simply the complement of the rising edge sample
value.
When Mix-Mode is used, the output is effectively chopped at
the DAC sample rate. This chopping has the effect of reducing
the power of the fundamental signal while increasing the power of
the images centered around the DAC sample rate, thus improving
the dynamic range of these images.
INPUT
DATA
DACCLK_x
FOUR-SWITCH
DAC OUTPUT
(
fS MIX-MODE)
–D6
–D7
–D8
–D9
–D10
D6
D7
D8
D9
D10
–D1
–D2
–D3
–D4
–D5
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10
D1
D2
D3
D4
D5
t
Figure 128. Mix-Mode Waveform
This ability to change modes provides the user the flexibility to
place a carrier anywhere in the first three Nyquist zones, depending
on the operating mode selected. Switching between baseband
and Mix-Mode reshapes the sinc roll-off inherent at the DAC
output. In baseband mode, the sinc null appears at fDAC because the
same sample latched on the rising clock edge is also latched again
on the falling clock edge, thus resulting in the same ubiquitous sinc
response of a traditional DAC. In Mix-Mode, the complement
sample of the rising edge is latched on the falling edge, therefore
pushing the sinc null to 2 × fDAC. Figure 129 shows the ideal
frequency response of the three modes with the sinc roll-off
included.
FREQUENCY (Hz)
0FS
1.50FS
1.25FS
1.00FS
0.75FS
0.50FS
0.25FS
–35
–30
–25
–20
–15
–10
–5
0
FIRST
NYQUIST ZONE
SECOND
NYQUIST ZONE
THIRD
NYQUIST ZONE
MIX-MODE
RZ MODE
NORMAL
MODE
Figure 129. Sinc Roll-Off for NRZ, RZ, and Mix-Mode Operation
The quad-switch can be configured via the SPI (Register 0x152,
Bits[1:0]) to operate in either NRZ mode (0b00), RZ mode
(0b10), or Mix-Mode (0b01). The AD9163 has an additional
frequency response characteristic due to the FIR85 filter. This
filter samples data on both the rising and falling edges of the
DAC clock, in essence doubling the input clock frequency. As a
result, the NRZ (normal) mode roll-off in Figure 129 is extended to
2 × fDAC in Figure 129, and follows the Mix-Mode roll-off due to the
zero-order hold at 2 × DAC clock (see Figure 130).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com