Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 14Page - Analog Devices AD9163BBCZ Datasheet HTML 15Page - Analog Devices AD9163BBCZ Datasheet HTML 16Page - Analog Devices AD9163BBCZ Datasheet HTML 17Page - Analog Devices AD9163BBCZ Datasheet HTML 18Page - Analog Devices AD9163BBCZ Datasheet HTML 19Page - Analog Devices AD9163BBCZ Datasheet HTML 20Page - Analog Devices AD9163BBCZ Datasheet HTML 21Page - Analog Devices AD9163BBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 124 page
background image
Data Sheet
AD9163
Rev. 0 | Page 17 of 123
IOUTFS = 40 mA, fDAC = 5.0 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
800
1000
1200
1400
1600
1800
2000
2200
fOUT (MHz)
–70
–80
–60
–65
–75
–85
–90
FIRST ACLR
SECOND ACLR
Figure 35. Single-Carrier, W-CDMA Adjacent Channel Leakage Ratio (ACLR)
vs. fOUT (First ACLR, Second ACLR)
800
1000
1200
1400
1600
1800
2000
2200
fOUT (MHz)
–70
–80
–60
–65
–75
–85
–90
THIRD ACLR
FOURTH ACLR
FIFTH ACLR
Figure 36. Single-Carrier, W-CDMA ACLR vs. fOUT (Third ACLR, Fourth ACLR,
Fifth ACLR)
OFFSET OVER
fOUT (Hz)
–60
–80
–100
–120
–140
–160
–180
10
100
1k
10k
100k
1M
10M
100M
70MHz
900MHz
1800MHz
3900MHz
CLOCK SOURCE
Figure 37. SSB Phase Noise vs. Offset over fOUT, fDAC = 4000 MSPS
(Two Different DAC Clock Sources Used for Best Composite Curve)
800
1000
1200
1400
1600
1800
2000
2200
fOUT (MHz)
–70
–80
–60
–65
–75
–85
–90
FIRST ACLR
SECOND ACLR
Figure 38. Two-Carrier, W-CDMA ACLR vs. fOUT (First ACLR, Second ACLR)
800
1000
1200
1400
1600
1800
2000
2200
fOUT (MHz)
–70
–80
–60
–65
–75
–85
–90
THIRD ACLR
FOURTH ACLR
FIFTH ACLR
Figure 39. Two-Carrier, W-CDMA ACLR vs. fOUT (Third ACLR, Fourth ACLR,
Fifth ACLR)
OFFSET OVER
fOUT (Hz)
–60
–80
–100
–120
–140
–160
–180
10
100
1k
10k
100k
1M
10M
100M
70MHz
900MHz
1800MHz
3900MHz
CLOCK SOURCE
Figure 40. SSB Phase Noise vs. Offset over fOUT, fDAC = 6000 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com