Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 45Page - Analog Devices AD9163BBCZ Datasheet HTML 46Page - Analog Devices AD9163BBCZ Datasheet HTML 47Page - Analog Devices AD9163BBCZ Datasheet HTML 48Page - Analog Devices AD9163BBCZ Datasheet HTML 49Page - Analog Devices AD9163BBCZ Datasheet HTML 50Page - Analog Devices AD9163BBCZ Datasheet HTML 51Page - Analog Devices AD9163BBCZ Datasheet HTML 52Page - Analog Devices AD9163BBCZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 124 page
background image
AD9163
Data Sheet
Rev. 0 | Page 48 of 123
CGS, Frame Sync, Checksum, and ILAS IRQs
Fail signals for CGS, frame sync, checksum, and ILAS are available
as IRQ events. Enable them by writing to Register 0x4B8,
Bits[3:0]. The IRQ event status can be read at Register 0x4BA,
Bits[3:0] after the IRQs are enabled. Write a 1 to Register 0x4BA,
Bit 0 to reset the CGS IRQ. Write a 1 to Register 0x4BA, Bit 1 to
reset the frame sync IRQ. Write a 1 to Register 0x4BA, Bit 2 to
reset the checksum IRQ. Write a 1 to Register 0x4BA, Bit 3 to
reset the ILAS IRQ.
See the Interrupt Request Operation section for more information.
Configuration Mismatch IRQ
The AD9163 has a configuration mismatch flag that is available as
an IRQ event. Use Register 0x4B9, Bit 0 to enable the mismatch
flag (it is enabled by default), and then use Register 0x4BB, Bit 0
to read back its status and reset the IRQ signal. See the Interrupt
Request Operation section for more information.
The configuration mismatch event flag is high when the link
configuration settings (in Register 0x450 to Register 0x45D) do
not match the JESD204B transmitted settings (Register 0x400 to
Register 0x40D).
This function is different from the good checksum flags in
Register 0x472. The good checksum flags ensure that the transmit-
ted checksum matches a calculated checksum based on the
transmitted settings. The configuration mismatch event ensures
that the transmitted settings match the configured settings.
HARDWARE CONSIDERATIONS
See the Applications Information section for information on
hardware considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com