Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 90 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 90 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 86Page - Analog Devices AD9163BBCZ Datasheet HTML 87Page - Analog Devices AD9163BBCZ Datasheet HTML 88Page - Analog Devices AD9163BBCZ Datasheet HTML 89Page - Analog Devices AD9163BBCZ Datasheet HTML 90Page - Analog Devices AD9163BBCZ Datasheet HTML 91Page - Analog Devices AD9163BBCZ Datasheet HTML 92Page - Analog Devices AD9163BBCZ Datasheet HTML 93Page - Analog Devices AD9163BBCZ Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 124 page
background image
Data Sheet
AD9163
Rev. 0 | Page 89 of 123
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset Access
0x2C0 TERM_OFFSET_5
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_5
Add or subtract from the
termination calibration value of
Physical Lane 5. 4-bit signed
magnitude value that adds to or
subtracts from the termination
value. Bit 3 is the sign bit, and
Bits[2:0] are the magnitude bits.
0x0
R/W
0x2C1 TERM_OFFSET_6
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_6
Add or subtract from the
termination calibration value of
Physical Lane 6. 4-bit signed
magnitude value that adds to or
subtracts from the termination
value. Bit 3 is the sign bit, and
Bits[2:0] are the magnitude bits.
0x0
R/W
0x2C2 TERM_OFFSET_7
[7:4] RESERVED
Reserved.
0x0
R
[3:0] TERM_OFFSET_7
Add or subtract from the
termination calibration value of
Physical Lane 7. 4-bit signed
magnitude value that adds to or
subtracts from the termination
value. Bit 3 is the sign bit, and
Bits[2:0] are the magnitude bits.
0x0
R/W
0x300 GENERAL_JRX_CTRL_0
7
RESERVED
Reserved.
0x0
R
6
CHECKSUM_MODE
JESD204B link parameter
checksum calculation method.
0x0
R/W
0 Checksum is sum of fields.
1 Checksum is sum of octets.
[5:1] RESERVED
Reserved.
0x0
R
0
LINK_EN
This bit brings up the JESD204B
receiver when all link parameters
are programmed and all clocks
are ready.
0x0
R/W
0x302 DYN_LINK_LATENCY_0
[7:5] RESERVED
Reserved.
0x0
R
[4:0] DYN_LINK_LATENCY_0
Measurement of the JESD204B
link delay (in PCLK units). Link 0
dynamic link latency. Latency
between current deframer LMFC
and the global LMFC.
0x0
R
0x304 LMFC_DELAY_0
[7:5] RESERVED
Reserved.
0x0
R
[4:0] LMFC_DELAY_0
Fixed part of the JESD204B link
delay (in PCLK units). Delay in
frame clock cycles for global
LMFC for Link 0.
0x0
R/W
0x306 LMFC_VAR_0
[7:5] RESERVED
Reserved.
0x0
R
[4:0] LMFC_VAR_0
Variable part of the JESD204B
link delay (in PCLK units).
Location in Rx LMFC where
JESD204B words are read out
from buffer. This setting must
not be more than 10 PCLKs.
0x1F R/W
0x308 XBAR_LN_0_1
[7:6] RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com