Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 29Page - Analog Devices AD9163BBCZ Datasheet HTML 30Page - Analog Devices AD9163BBCZ Datasheet HTML 31Page - Analog Devices AD9163BBCZ Datasheet HTML 32Page - Analog Devices AD9163BBCZ Datasheet HTML 33Page - Analog Devices AD9163BBCZ Datasheet HTML 34Page - Analog Devices AD9163BBCZ Datasheet HTML 35Page - Analog Devices AD9163BBCZ Datasheet HTML 36Page - Analog Devices AD9163BBCZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 124 page
background image
AD9163
Data Sheet
Rev. 0 | Page 32 of 123
The calibration code of the termination can be read from
Bits[3:0] in Register 0x2AC (PHY 0, PHY 1, PHY 6, PHY 7)
and Register 0x2B3 (PHY 2, PHY 3, PHY 4, PHY 5). If needed,
the termination values can be adjusted or set using several
registers. The TERM_BLKx_CTRLREG1 registers (Register 0x2A8
and Register 0x2AF), can override the autocalibrated value. When
set to 0xXXX0XXXX, the termination block autocalibrates,
which is the normal, default setting. When set to 0xXXX1XXXX,
the autocalibration value is overwritten with the value in Bits[3:1]
of Register 0x2A8 and Register 0x2AF. Individual offsets from the
autocalibration value for each lane can be programmed in Bits[3:0]
of Register 0x2BB to Register 0x2C2. The value is a signed magni-
tude, with Bit 3 as the sign bit. The total range of the termination
resistor value is about 94 Ω to 120 Ω, with approximately 3.5%
increments across the range (for example, smaller steps at the
bottom of the range than at the top).
Receiver Eye Mask
The AD9163 complies with the JESD204B specification
regarding the receiver eye mask and is capable of capturing data
that complies with this mask. Figure 92 shows the receiver eye
mask normalized to the data rate interval with a 600 mV VTT
swing. See the JESD204B specification for more information
regarding the eye mask and permitted receiver eye opening.
525
55
0
–55
–525
0
0.5
1.00
0.35
0.65
TIME (UI)
LV-OIF-11G-SR RECEIVER EYE MASK
Figure 92. Receiver Eye Mask for 600 mV VTT Swing
Clock Relationships
The following clocks rates are used throughout the rest of the
JESD204B section. The relationship between any of the clocks
can be derived from the following equations:
DataRate = (DACRate)/(InterpolationFactor)
LaneRate = (20 × DataRate × M)/L
ByteRate = LaneRate/10
This relationship comes from 8-bit/10-bit encoding, where each
byte is represented by 10 bits.
PCLK Rate = ByteRate/4
The processing clock is used for a quad-byte decoder.
FrameRate = ByteRate/F
where F is defined as octets per frame per lane.
PCLK Factor = FrameRate/PCLK Rate = 4/F
where:
M is the JESD204B parameter for converters per link.
L is the JESD204B parameter for lanes per link.
F is the JESD204B parameter for octets per frame per lane.
SERDES PLL
Functional Overview of the SERDES PLL
The independent SERDES PLL uses integer N techniques to
achieve clock synthesis. The entire SERDES PLL is integrated
on chip, including the VCO and the loop filter. The SERDES
PLL VCO operates over the range of 6 GHz to 12.5 GHz.
In the SERDES PLL, a VCO divider block divides the VCO
clock by 2 to generate a 3 GHz to 6.25 GHz quadrature clock for
the deserializer cores. This clock is the input to the clock and
data recovery block that is described in the Clock and Data
Recovery section.
The reference clock to the SERDES PLL is always running at a
frequency, fREF, that is equal to 1/40 of the lane rate (PCLK Rate).
This clock is divided by a DivFactor value (set by SERDES_PLL_
DIV_FACTOR) to deliver a clock to the phase frequency detector
(PFD) block that is between 35 MHz and 80 MHz. Table 17
includes the respective SERDES_PLL_DIV_FACTOR register
settings for each of the desired PLL_REF_CLK_RATE options
available.
Table 17. SERDES PLL Divider Settings
Lane Rate
(Gbps)
PLL_REF_CLK_RATE,
Register 0x084, Bits[5:4]
SERDES_PLL_DIV_FACTOR
Register 0x289, Bits[1:0]
0.750 to 1.5625
0b01 = 2×
0b10 = ÷1
1.5 to 3.125
0b00 = 1×
0b10 = ÷1
3 to 6.25
0b00 = 1×
0b01 = ÷2
6 to 12.5
0b00 = 1×
0b00 = ÷4
Register 0x280 controls the synthesizer enable and recalibration.
To enable the SERDES PLL, first set the PLL divider register (see
Table 17). Then enable the SERDES PLL by writing Register 0x280,
Bit 0 = 1. If a recalibration is needed, write Register 0x280, Bit 2 =
0b1 and then reset the bit to 0b0. The rising edge of the bit causes a
recalibration to begin.
Confirm that the SERDES PLL is working by reading
Register 0x281. If Register 0x281, Bit 0 = 1, the SERDES PLL
has locked. If Register 0x281, Bit 3 = 1, the SERDES PLL was
successfully calibrated. If Register 0x281, Bit 4 or Bit 5 is high, the
PLL reaches the lower or upper end of its calibration band and
must be recalibrated by writing 0 and then 1 to Register 0x280,
Bit 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com