Electronic Components Datasheet Search
  English  ▼

X  

AD9163BBCZ Datasheet(PDF) 83 Page - Analog Devices

Part # AD9163BBCZ
Description  DAC update rate up to 12 GSPS
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9163BBCZ Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9163BBCZ Datasheet HTML 79Page - Analog Devices AD9163BBCZ Datasheet HTML 80Page - Analog Devices AD9163BBCZ Datasheet HTML 81Page - Analog Devices AD9163BBCZ Datasheet HTML 82Page - Analog Devices AD9163BBCZ Datasheet HTML 83Page - Analog Devices AD9163BBCZ Datasheet HTML 84Page - Analog Devices AD9163BBCZ Datasheet HTML 85Page - Analog Devices AD9163BBCZ Datasheet HTML 86Page - Analog Devices AD9163BBCZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 124 page
background image
AD9163
Data Sheet
Rev. 0 | Page 82 of 123
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset Access
0x12D ACC_DELTA3
[7:0] ACC_DELTA[31:24]
DDS delta. This is A in the
equation fOUT = fDAC × (M/N) =
fDAC × ((X + A/B)/248). Note this
delta value is used for all NCO
FTWs.
0x0
R/W
0x12E ACC_DELTA4
[7:0] ACC_DELTA[39:32]
DDS delta. This is A in the
equation fOUT = fDAC × (M/N) =
fDAC × ((X + A/B)/248). Note this
modulus value is used for all
NCO FTWs. Note this delta value
is used for all NCO FTWs.
0x0
R/W
0x12F ACC_DELTA5
[7:0] ACC_DELTA[47:40]
DDS delta. This is A in the
equation fOUT = fDAC × (M/N) =
fDAC × ((X + A/B)/248). Note this
modulus value is used for all
NCO FTWs. Note this delta value
is used for all NCO FTWs.
0x0
R/W
0x14B PRBS
7
PRBS_GOOD_Q
Good data indicator imaginary
channel.
0x0
R
0 Incorrect sequence detected.
1 Correct PRBS sequence detected.
6
PRBS_GOOD_I
Good data indicator real channel. 0x0
R
0 Incorrect sequence detected.
1 Correct PRBS sequence detected.
5
RESERVED
Reserved.
0x0
R
4
PRBS_INV_Q
Data inversion imaginary
channel.
0x1
R/W
0 Expect normal data.
1 Expect inverted data.
3
PRBS_INV_I
Data inversion real channel.
0x0
R/W
0 Expect normal data.
1 Expect inverted data.
2
PRBS_MODE
Polynomial select.
0x0
R/W
0 7-bit: x7 + x6 + 1.
1 15-bit: x15 + x14 + 1.
1
PRBS_RESET
Reset error counters.
0x0
R/W
0 Normal operation.
1 Reset counters.
0
PRBS_EN
Enable PRBS checker.
0x0
R/W
0 Disable.
1 Enable.
0x14C PRBS_ERROR_I
[7:0] PRBS_COUNT_I
Error count value real channel.
0x0
R
0x14D PRBS_ERROR_Q
[7:0] PRBS_COUNT_Q
Error count value imaginary
channel.
0x0
R
0x151 DECODE_CTRL
[7:3] RESERVED
Reserved.
0x0
R/W
2
SHUFFLE
Shuffle mode. Enables shuffle
mode for better spurious
performance.
0x0
R/W
0 Disable MSB shuffling (use
thermometer encoding).
1 Enable MSB shuffling.
[1:0] RESERVED
Reserved.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com