Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 27Page - Analog Devices AD9371BBCZ Datasheet HTML 28Page - Analog Devices AD9371BBCZ Datasheet HTML 29Page - Analog Devices AD9371BBCZ Datasheet HTML 30Page - Analog Devices AD9371BBCZ Datasheet HTML 31Page - Analog Devices AD9371BBCZ Datasheet HTML 32Page - Analog Devices AD9371BBCZ Datasheet HTML 33Page - Analog Devices AD9371BBCZ Datasheet HTML 34Page - Analog Devices AD9371BBCZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
Data Sheet
AD9371
Rev. A | Page 31 of 60
–80
–180
–160
–130
–120
–100
–140
–170
–150
–110
–90
0
5
10
15
20
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 88. Transmitter Noise vs. RF Attenuation, 2600 MHz LO,
10 MHz Offset Frequency
–40
–80
–65
–70
–75
–60
–55
–50
–45
0
4
8
12
16
20
RF ATTENUATION (dB)
+110°C UPPER
+40°C UPPER
–40°C UPPER
+110°C LOWER
+40°C LOWER
–40°C LOWER
Figure 89. Tx Adjacent Channel Leakage Ratio vs. RF Attenuation,
2600 MHz LO, 40 MHz RF Bandwidth, Four-Carrier W-CDMA Desired Signal,
Transmitter QEC and LO Leakage Tracking Active
–40
–80
–65
–70
–75
–60
–55
–50
–45
0
4
8
12
16
20
RF ATTENUATION (dB)
+110°C UPPER
+40°C UPPER
–40°C UPPER
+110°C LOWER
+40°C LOWER
–40°C LOWER
Figure 90. Tx Alternate Channel Leakage Ratio vs. RF Attenuation,
2600 MHz LO, 40 MHz RF Bandwidth, Four-Carrier W-CDMA Desired Signal,
2 dB Digital Backoff, Transmitter QEC and LO Leakage Tracking Active
OFFSET FREQUENCY (Hz)
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
100
1k
10k
100k
1M
10M
Figure 91. LO Phase Noise vs. Offset Frequency,
3 dB Digital Backoff, 2600 MHz
1.0
0
0.2
0.3
0.1
0.4
0.5
0.6
0.7
0.8
0.9
TRANSMITTER LO FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 92. Tx Integrated Phase Noise vs. Transmitter LO Frequency,
40 MHz RF Bandwidth, Continuous Wave 20 MHz Offset from LO,
3 dB Digital Backoff
35
0
5
10
15
20
25
30
04
8
12
16
20
2
6
10
14
18
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 93. Transmitter OIP3 vs. RF Attenuation, 2600 MHz LO,
40 MHz RF Bandwidth, f1 = 20 MHz, f2 = 21 MHz, 3 dB Digital Backoff,
245.76 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com