Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 13Page - Analog Devices AD9371BBCZ Datasheet HTML 14Page - Analog Devices AD9371BBCZ Datasheet HTML 15Page - Analog Devices AD9371BBCZ Datasheet HTML 16Page - Analog Devices AD9371BBCZ Datasheet HTML 17Page - Analog Devices AD9371BBCZ Datasheet HTML 18Page - Analog Devices AD9371BBCZ Datasheet HTML 19Page - Analog Devices AD9371BBCZ Datasheet HTML 20Page - Analog Devices AD9371BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
Data Sheet
AD9371
Rev. A | Page 17 of 60
TYPICAL PERFORMANCE CHARACTERISTICS
700 MHz BAND
Temperature settings refer to the die temperature. The die temperature is 40°C for single trace plots.
–30
–110
–100
–90
–80
–70
–60
–50
–40
300
400
500
600
700
800
900
1000
RECEIVER LO FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 5. Receiver Local Oscillator (LO) Leakage vs. Receiver LO Frequency,
0 dB Receiver Attenuation, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate
45
0
5
10
15
20
25
30
35
40
0369
12
15
RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 6. Receiver Noise Figure vs. Receiver Attenuation, 700 MHz LO,
20 MHz Bandwidth, 30.72 MSPS Sample Rate, 20 MHz Integration Bandwidth
(Includes 1 dB Matching Circuit Loss)
30
0
5
10
15
20
25
300
400
500
600
700
800
900
1000
RECEIVER LO FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 7. Receiver Noise Figure vs. Receiver LO Frequency, 0 dB Receiver
Attenuation, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate, 20 MHz
Integration Bandwidth (Includes 1 dB Matching Circuit Loss)
100
0
10
20
30
40
50
60
70
80
90
0369
12
15
f1 OFFSET FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 8. Receiver IIP2 vs. f1 Offset Frequency, 900 MHz LO, 0 dB Attenuation,
20 MHz RF Bandwidth, f2 = f1 + 1 MHz, 30.72 MSPS Sample Rate
100
0
10
20
30
40
50
60
70
80
90
468
10
12
INTERMODULATION FREQUENCY (MHz)
f2 – f1, +110°C
f2 – f1, +40°C
f2 – f1, –40°C
f2 + f1, +110°C
f2 + f1, +40°C
f2 + f1, –40°C
Figure 9. Receiver IIP2 vs. Intermodulation Frequency, 900 MHz LO,
0 dB Attenuation, 20 MHz RF Bandwidth, 30.72 MSPS Sample Rate
40
0
5
10
15
20
25
30
35
0369
12
15
f1 OFFSET FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 10. Receiver IIP3 vs. F1 Offset Frequency, 900 MHz LO,
0 dB Attenuation, 20 MHz RF Bandwidth, f2 = 2f1 + 1 MHz,
30.72 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com