Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 54 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 54 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 50Page - Analog Devices AD9371BBCZ Datasheet HTML 51Page - Analog Devices AD9371BBCZ Datasheet HTML 52Page - Analog Devices AD9371BBCZ Datasheet HTML 53Page - Analog Devices AD9371BBCZ Datasheet HTML 54Page - Analog Devices AD9371BBCZ Datasheet HTML 55Page - Analog Devices AD9371BBCZ Datasheet HTML 56Page - Analog Devices AD9371BBCZ Datasheet HTML 57Page - Analog Devices AD9371BBCZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
AD9371
Data Sheet
Rev. A | Page 54 of 60
40
0
5
115
INTERMODULATION FREQUENCY (MHz)
5
15
35
10
25
30
20
15
35
55
75
25
45
65
85
95
105
+110°C
+40°C
–40°C
Figure 224. Observation Receiver IIP3 vs. Intermodulation Frequency (f2 − 2f1),
5600 MHz LO, 0 dB Attenuation, 200 MHz RF Bandwidth,
245.76 MSPS Sample Rate
0
–100
018
OBSERVATION RECEIVER ATTENUATION (dB)
–70
–80
–90
–60
–30
–50
–10
–40
–20
6
312
915
+110°C
+40°C
–40°C
Figure 225. Observation Receiver Image vs. Observation Receiver
Attenuation, 5600 MHz LO, CW Signal 30 MHz Offset,
200 MHz RF Bandwidth, BTC Active, 245.76 MSPS Sample Rate
25
–15
018
OBSERVATION RECEIVER ATTENUATION (dB)
–10
–5
10
0
20
5
15
6
312
915
+110°C
+40°C
–40°C
Figure 226. Observation Receiver Gain vs. Observation Receiver Attenuation,
5600 MHz LO, CW Signal 30 MHz Offset,
200 MHz RF Bandwidth, 245.76 MSPS Sample Rate
–40
–50
–60
–70
–80
–90
–10
–110
018
15
12
9
6
3
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 227. Observation Receiver DC Offset vs. Observation Receiver
Attenuation, 5850 MHz LO, CW Signal 30 MHz Offset, −15 dBm Input,
200 MHz RF Bandwidth, 245.76 MSPS Sample Rate
0
–100
018
OBSERVATION RECEIVER ATTENUATION (dB)
–90
–80
–70
–50
–30
–10
–60
–40
–20
6
312
915
+110°C
+40°C
–40°C
Figure 228. Observation Receiver HD2 vs. Observation Receiver Attenuation,
5600 MHz LO, CW Signal 30 MHz Offset, −15 dBm Input, Input Power
Increasing Decibel for Decibel with Attenuation, 200 MHz RF Bandwidth,
245.76 MSPS Sample Rate
0
–120
–100
018
OBSERVATION RECEIVER ATTENUATION (dB)
–80
–60
–40
–20
6
312
915
+110°C
+40°C
–40°C
Figure 229. Observation Receiver HD3 vs. Observation Receiver Attenuation,
5600 MHz LO, CW Signal 30 MHz Offset, −15 dBm Input, Input Power
Increasing Decibel for Decibel with Attenuation, 200 MHz RF Bandwidth,
245.76 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com