Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 38Page - Analog Devices AD9371BBCZ Datasheet HTML 39Page - Analog Devices AD9371BBCZ Datasheet HTML 40Page - Analog Devices AD9371BBCZ Datasheet HTML 41Page - Analog Devices AD9371BBCZ Datasheet HTML 42Page - Analog Devices AD9371BBCZ Datasheet HTML 43Page - Analog Devices AD9371BBCZ Datasheet HTML 44Page - Analog Devices AD9371BBCZ Datasheet HTML 45Page - Analog Devices AD9371BBCZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
AD9371
Data Sheet
Rev. A | Page 42 of 60
3400
3600
FREQUENCY (MHz)
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
3425
3450
3475
3500
3525
3550
3575
Figure 153. Tx Output Power Spectrum, 2 dB Digital and 3 dB RF Backoff,
100 MHz RF Bandwidth, Transmitter QEC and Internal LO Leakage Active,
LTE 10 MHz Signal, 3500 MHz LO, 1 MHz Resolution Bandwidth,
307.2 MSPS Sample Rate
0
–100
3000
4000
FREQUENCY (MHz)
–90
–80
–70
–60
–50
–40
–30
–20
–10
3100 3200 3300 3400 3500 3600 3700 3800 3900
Figure 154. Tx Output Power Spectrum, 2 dB Digital and 3 dB RF Backoff,
100 MHz RF Bandwidth, Transmitter QEC and Internal LO Leakage Active,
LTE 10 MHz Signal, 3500 MHz LO, 1 MHz Resolution Bandwidth,
307.2 MSPS Sample Rate (Noise Floor Includes Test Equipment Response)
–20
–50
020
RF ATTENUATION (dB)
–45
–40
–35
–30
–25
510
15
+110°C
+40°C
–40°C
Figure 155. Transmitter EVM vs. RF Attenuation, 3500 MHz LO,
Transmitter LO Leakage, and Transmitter QEC Tracking Active,
100 MHz RF Bandwidth, LTE 20 MHz Downlink Signal, 307.2 MSPS Sample Rate
0
–100
020
RF ATTENUATION (dB)
–90
–80
–70
–60
–50
–40
–30
–20
–10
510
15
+110°C
+40°C
–40°C
Figure 156. Transmitter HD2 vs. RF Attenuation, 3500 MHz LO,
3505 MHz CW Desired Signal, 100 MHz RF Bandwidth,
307.2 MSPS Sample Rate
0
–80
020
RF ATTENUATION (dB)
–70
–60
–50
–40
–30
–20
–10
510
15
+110°C
+40°C
–40°C
Figure 157. Transmitter HD3 vs. RF Attenuation, 3500 MHz LO,
3505 MHz CW Desired Signal, 100 MHz RF Bandwidth,
307.2 MSPS Sample Rate
10
–25
020
RF ATTENUATION (dB)
–20
–15
–10
–5
0
5
510
15
+110°C
+40°C
–40°C
Figure 158. Transmitter Output Power vs. RF Attenuation, 3500 MHz LO,
3505 MHz CW Desired Signal, 100 MHz RF Bandwidth,
2 dB Digital Backoff, 307.2 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com