Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 52Page - Analog Devices AD9371BBCZ Datasheet HTML 53Page - Analog Devices AD9371BBCZ Datasheet HTML 54Page - Analog Devices AD9371BBCZ Datasheet HTML 55Page - Analog Devices AD9371BBCZ Datasheet HTML 56Page - Analog Devices AD9371BBCZ Datasheet HTML 57Page - Analog Devices AD9371BBCZ Datasheet HTML 58Page - Analog Devices AD9371BBCZ Datasheet HTML 59Page - Analog Devices AD9371BBCZ Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
Data Sheet
AD9371
Rev. A | Page 59 of 60
Table 8. Example Rx/Tx Interface Rates (Two Rx/Two Tx Channels, Maximum JESD Lane Rates)
Tx/Tx Synthesis/
Rx Bandwidth (MHz)
Tx Input
Rate (MSPS)
Rx Output
Rate (MSPS)
JESD204B Lane Rate
(Mbps), Two Tx/Two Rx
JESD204B (No.
of Lanes) Tx/Rx
Reference Clock Options (MHz)
100/250/100
307.2
153.6
6144
4/2
122.88, 153.6, 245.76, 307.2
75/200/100
245.76
122.88
4915.2
4/2
122.88, 245.76
20/100/40
122.88
61.44
2457.6
4/2
122.88, 245.76
20/100/20
122.88
30.72
2457.6
4/1
122.88, 245.76
I/Q DAC
TRANSMITTER
HALF-BAND
FILTER 2
TRANSMITTER FIR
(INTERPOLATION
1, 2, 4)
QUADRATURE
ERROR
CORRECTION
DIGITAL
GAIN
JESD204B
TRANSMITTER
HALF-BAND
FILTER 1
Figure 240. Example Tx Data Path Filter Implementation
ADC
JESD204B
RECEIVER
HALF-BAND
FILTER 3
RFIR
(DECIMATION
1, 2, 4)
QEC
CORRECTION
FILTER
DC
CORRECTION
DIGITAL
GAIN
DEC5
RECEIVER
HALF-BAND
FILTER 2
RECEIVER
HALF-BAND
FILTER 1
Figure 241. Data Rx Data Path Filter Implementation
POWER SUPPLY SEQUENCE
The AD9371 requires a specific power-up sequence to avoid
undesired power-up currents. The optimal power-on sequence
starts the process by powering up the VDIG and the VDDA_1P3
(analog) supplies simultaneously. If they cannot power up
simultaneously, the VDIG supply must power up first. The
VDDA_3P3, VDDA_1P8, and JESD_VTT_DES supplies
must then power up after the VDIG and VDDA_1P3 supplies.
Note that the VDD_IF supply can power up at any time. It is
also recommended to toggle the RESET signal after power has
stabilized prior to configuration. Follow the reverse order of
the power-up sequence to power-down.
Note that VDDA_1P3 refers to all analog 1.3 V supplies
including the following: VDDA_BB, VDDA_CLKSYNTH,
VDDA_TXLO, VDDA_RXRF, VDDA_RXSYNTH,
VDDA_RXVCO, VDDA_RXTX, VDDA_TXSYNTH,
VDDA_TXVCO, VDDA_CALPLL, VDDA_SNRXSYNTH,
VDDA_SNRXVCO, VDDA_CLK, and VDDA_RXLO.
JTAG BOUNDARY SCAN
The AD9371 provides support for a JTAG boundary scan.
There are five dual-function pins associated with the JTAG
interface. These pins, listed in Table 9, are used to access the
on-chip test access port. To enable the JTAG functionality,
set the GPIO_0 through GPIO_3 pins according to Table 10
depending on how the desired JESD204B sync pin (that is,
SYNCINB0+, SYNCINB0−, SYNCINB1+, SYNCINB1−,
SYNCBOUTB0+, or SYNCBOUTB0−) is configured in the
software (LVDS or CMOS mode). Pull the TEST pin high to
enable the JTAG mode.
Table 9. Dual-Function Boundary Scan Test Pins
Mnemonic
JTAG Mnemonic
Description
GPIO_4
TRST
Test access port reset
GPIO_5
TDO
Test data output
GPIO_6
TDI
Test data input
GPIO_7
TMS
Test access port mode select
GPIO_18
TCK
Test clock
Table 10. JTAG Modes
Test Pin Level
GPIO_0 to GPIO_3
Description
0
XXXX1
Normal operation
1
1001
JTAG mode with LVDS
JESD204B sync signals
1
1011
JTAG mode with CMOS
JESD204B sync signals
1 X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com