Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 52Page - Analog Devices AD9371BBCZ Datasheet HTML 53Page - Analog Devices AD9371BBCZ Datasheet HTML 54Page - Analog Devices AD9371BBCZ Datasheet HTML 55Page - Analog Devices AD9371BBCZ Datasheet HTML 56Page - Analog Devices AD9371BBCZ Datasheet HTML 57Page - Analog Devices AD9371BBCZ Datasheet HTML 58Page - Analog Devices AD9371BBCZ Datasheet HTML 59Page - Analog Devices AD9371BBCZ Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
AD9371
Data Sheet
Rev. A | Page 56 of 60
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
020
SNIFFER RECEIVER ATTENUATION (dB)
510
15
+110°C
+40°C
–40°C
Figure 236. Sniffer Receiver HD2 vs. Sniffer Receiver Attenuation, 5800 MHz
LO, CW Signal 3 MHz Offset, −35 dBm at 0 dB Attenuation, Input Power
Increasing dB for dB with Attenuation, 20 MHz RF BW, 30.72 MSPS Sample Rate
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
020
SNIFFER RECEIVER ATTENUATION (dB)
510
15
+110°C
+40°C
–40°C
Figure 237. Sniffer Receiver HD3 vs. Sniffer Receiver Attenuation, 5800 MHz
LO, CW Signal 3 MHz Offset, −35 dBm at 0 dB Attenuation, Input Power
Increasing dB for dB with Attenuation, 20 MHz RF BW, 30.72 MSPS Sample Rate
0
–45
–35
–40
–30
–25
–20
–15
–10
–5
–65
–20
–25
–30
–35
–40
–45
–50
–55
–60
SNIFFER RECEIVER INPUT POWER (dBm)
+110°C
+40°C
–40°C
Figure 238. Sniffer Receiver EVM vs. Sniffer Receiver Input Power, 5600 MHz
LO, 20 MHz RF BW, LTE 20 MHz Uplink Centered at DC, BTC Active,
30.72 MSPS Sample Rate
40
–40
–30
–20
–10
0
10
20
30
052
48
44
40
36
32
28
24
20
16
12
8
4
SNIFFER RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 239. Sniffer Receiver Gain vs. Sniffer Receiver Attenuation, 5800 MHz
LO, CW Signal 3 MHz Offset, 20 MHz RF BW, 30.72 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com