Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 52Page - Analog Devices AD9371BBCZ Datasheet HTML 53Page - Analog Devices AD9371BBCZ Datasheet HTML 54Page - Analog Devices AD9371BBCZ Datasheet HTML 55Page - Analog Devices AD9371BBCZ Datasheet HTML 56Page - Analog Devices AD9371BBCZ Datasheet HTML 57Page - Analog Devices AD9371BBCZ Datasheet HTML 58Page - Analog Devices AD9371BBCZ Datasheet HTML 59Page - Analog Devices AD9371BBCZ Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
Data Sheet
AD9371
Rev. A | Page 57 of 60
THEORY OF OPERATION
The AD9371 is a highly integrated RF transceiver that can be
configured for a wide range of applications. The device integrates
all the RF, mixed-signal, and digital blocks necessary to provide
transmit and receive functions in a single device. Programmability
allows the two receiver channels and two transmitter channels
to be used in TDD and FDD systems for 3G and 4G cellular
standards.
The observation receiver channel has two inputs for use in
monitoring the transmitter outputs. This channel has a wide
channel bandwidth that receives the entire transmit band and
feeds it back to the digital section for error correction purposes.
In addition, three sniffer receiver inputs can monitor different
radio frequency bands (one at a time). These channels share the
baseband ADC and digital processing with the two ORx inputs.
The AD9371 contains four high speed serial interface links for
the transmit chain and four high speed serial interface links
shared by the Rx, ORx, and SnRx channels (JESD204B,
Subclass 1 compliant), providing a low pin count and reliable
data interface to a field-programmable gate array (FPGA) or
other custom integrated baseband solutions.
The AD9371 also provides self calibration for dc offset, LO
leakage, and quadrature error correction using an integrated
microcontroller core to maintain a high performance level
under varying temperatures and input signal conditions. Firmware
is supplied with the device to schedule all calibrations with no
user interaction. The device includes test modes that allows
system designers to debug designs during prototyping and
optimize radio configurations.
TRANSMITTER (Tx)
The AD9371 employs a direct conversion transmitter
architecture consisting of two identical and independently
controlled channels that provide all the digital processing,
mixed signal, and RF blocks necessary to implement a direct
conversion system. Both channels share a common frequency
synthesizer.
The digital data from the JESD204B lanes pass through a fully
programmable 96-tap FIR filter with optional interpolation.
The FIR output is sent to a series of conversion filters that
provide additional filtering and data rate interpolation prior to
reaching the DAC. Each DAC has an adjustable sample rate and
is linear up to full scale.
When converted to baseband analog signals, the in-phase (I) and
quadrature (Q) signals are filtered to remove sampling artifacts,
and then the signals are fed to the upconversion mixers. At the
mixer stage, the I and Q signals are recombined and modulated
onto the carrier frequency for transmission to the output stage.
Each transmit chain provides a wide attenuation adjustment
range with fine granularity to help designers optimize SNR.
RECEIVER (Rx)
The AD9371 contains dual receiver channels. Each Rx channel
is a direct conversion system that contains a programmable
attenuator stage, followed by matched I and Q mixers that
downconvert received signals to baseband for digitization.
To achieve gain control, a programmed gain index map is
implemented. This gain map distributes attenuation among the
various Rx blocks for optimal performance at each power level.
In addition, support is available for both automatic and manual
gain control modes.
The receiver includes Σ-Δ ADCs and adjustable sample rates
that produce data streams from the received signals. The signals
can be conditioned further by a series of decimation filters and
a fully programmable 72-tap FIR filter with additional decimation
settings. The sample rate of each digital filter block is adjustable
by changing the decimation factors to produce the desired
output data rate.
OBSERVATION RECEIVER (ORx)
The ORx operates in a similar manner to the main receivers.
Each input is differential and uses a dedicated mixer. The ORx
inputs share a baseband ADC and baseband section; therefore,
only one can be active at any time. The mixed-signal and digital
section is identical in design and operation to the main receiver
channels. This channel can monitor the Tx channels and
implement error correction functions. It can also be used as a
general-purpose receiver.
SNIFFER RECEIVER (SnRx)
The sniffer receiver provides three differential inputs that can
monitor different frequency bands. Each input has a low noise
amplifier (LNA) that is multiplexed to feed a single mixer. The
output of this mixer stage is multiplexed with the ORx receiver
mixers to feed the same baseband section. The SnRx bandwidth
is limited to 20 MHz. This receiver can also be used as a general-
purpose receiver if the bandwidth and RF performance are
acceptable for a given application.
These receiver inputs also provide an LNA bypass mode that
removes the gain of the LNA when large signals are present.
Note that no requirements for the LNA bypass mode are included
in Table 1; performance specifications are only relative to the
scenario in which the LNA is enabled.
CLOCK INPUT
The AD9371 requires a differential clock connected to the
DEV_CLK_IN+/DEV_CLK_IN− pins. The frequency of the
clock input must be between 10 MHz and 320 MHz, and it must
have very low phase noise because this signal generates the RF
local oscillator and internal sampling clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com