Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 43Page - Analog Devices AD9371BBCZ Datasheet HTML 44Page - Analog Devices AD9371BBCZ Datasheet HTML 45Page - Analog Devices AD9371BBCZ Datasheet HTML 46Page - Analog Devices AD9371BBCZ Datasheet HTML 47Page - Analog Devices AD9371BBCZ Datasheet HTML 48Page - Analog Devices AD9371BBCZ Datasheet HTML 49Page - Analog Devices AD9371BBCZ Datasheet HTML 50Page - Analog Devices AD9371BBCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
Data Sheet
AD9371
Rev. A | Page 47 of 60
5.5 GHz BAND
–30
–100
5300
5900
RECEIVER LO FREQUENCY (MHz)
–90
–80
–70
–60
–50
–40
5400
5500
5600
5700
5800
+110°C
+40°C
–40°C
Figure 182. Receiver Local Oscillator (LO) Leakage vs. Receiver LO Frequency,
0 dB Receiver Attenuation, 100 MHz RF Bandwidth, 122.88 MSPS Sample Rate
45
0
015
RECEIVER ATTENUATION (dB)
5
10
15
20
25
35
30
40
36
9
12
+110°C
+40°C
–40°C
Figure 183. Receiver Noise Figure vs. Receiver Attenuation, 5600 MHz LO,
100 MHz Bandwidth, 122.88 MSPS Sample Rate, 50 MHz Integration
Bandwidth (Includes 1.2 dB Matching Circuit Loss)
30
0
5300
5900
RECEIVER LO FREQUENCY (MHz)
5
10
15
20
25
5400
5500
5600
5700
5800
+110°C
+40°C
–40°C
Figure 184. Receiver Noise Figure vs. Receiver LO Frequency, 0 dB Receiver
Attenuation, 100 MHz RF Bandwidth, 122.88 MSPS Sample Rate, 50 MHz
Integration Bandwidth (Includes 1.2 dB Matching Circuit Loss)
100
90
80
70
60
50
40
30
20
10
0
060
f1 OFFSET FREQUENCY (MHz)
20
40
10
30
50
+110°C
+40°C
–40°C
Figure 185. Receiver IIP2 vs. f1 Offset Frequency, 5600 MHz LO,
0 dB Attenuation, 100 MHz RF Bandwidth, f2 = f1 + 1 MHz,
122.88 MSPS Sample Rate
100
0
15
45
INTERMODULATION FREQUENCY (MHz)
10
30
50
70
90
20
40
60
80
20
25
30
35
40
f2 + f1, +110°C
f2 + f1, +40°C
f2 + f1, –40°C
f2 – f1, +110°C
f2 – f1, +40°C
f2 – f1, –40°C
Figure 186. Receiver IIP2 vs. Intermodulation Frequency, 5600 MHz LO,
0 dB Attenuation, 100 MHz RF Bandwidth, 122.88 MSPS Sample Rate
40
35
30
25
20
15
10
5
0
060
f1 OFFSET FREQUENCY (MHz)
20
40
10
30
50
+110°C
+40°C
–40°C
Figure 187. Receiver IIP3 vs. f1 Offset Frequency, 5600 MHz LO, 0 dB Attenuation,
100 MHz RF Bandwidth, f2 = 2 f1 + 2 MHz, 122.88 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com