Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 51Page - Analog Devices AD9371BBCZ Datasheet HTML 52Page - Analog Devices AD9371BBCZ Datasheet HTML 53Page - Analog Devices AD9371BBCZ Datasheet HTML 54Page - Analog Devices AD9371BBCZ Datasheet HTML 55Page - Analog Devices AD9371BBCZ Datasheet HTML 56Page - Analog Devices AD9371BBCZ Datasheet HTML 57Page - Analog Devices AD9371BBCZ Datasheet HTML 58Page - Analog Devices AD9371BBCZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
Data Sheet
AD9371
Rev. A | Page 55 of 60
–40
–100
–90
–80
–70
–60
–50
5300
5900
SNIFFER RECEIVER LO FREQUENCY (MHz)
5400
5500
5600
5700
5800
+110°C
+40°C
–40°C
Figure 230. Sniffer Receiver LO Leakage vs. Sniffer Receiver LO Frequency,
0 dB Receiver Attenuation, 20 MHz RF BW, 30.72 MSPS Sample Rate
20
18
16
14
12
10
8
6
4
2
0
5300
5900
SNIFFER RECEIVER LO FREQUENCY (MHz)
5400
5500
5600
5700
5800
+110°C
+40°C
–40°C
Figure 231. Sniffer Receiver Noise Figure vs. Sniffer Receiver LO Frequency,
0 dB Receiver Attenuation, 20 MHz RF BW, 38.4 MSPS Sample Rate,
10 MHz Integration BW
90
80
70
60
50
40
30
20
10
0
315
INTERMODULATION FREQUENCY (MHz)
69
12
+110°C
+40°C
–40°C
Figure 232. Sniffer Receiver IIP2 vs. Intermodulation Frequency (f2 − f1),
5600 MHz LO, 0 dB Attenuation, 20 MHz RF BW, 30.72 MSPS Sample Rate
20
–10
–5
0
5
10
15
315
INTERMODULATION FREQUENCY (MHz)
69
12
+110°C
+40°C
–40°C
Figure 233. Sniffer Receiver IIP3 vs. Intermodulation Frequency (f2 − 2f1),
5600 MHz LO, 0 dB Attenuation, 20 MHz RF BW, 30.72 MSPS Sample Rate
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
020
SNIFFER RECEIVER ATTENUATION (dB)
510
15
+110°C
+40°C
–40°C
Figure 234. Sniffer Receiver Image vs. Sniffer Receiver Attenuation, 5800 MHz
LO, CW Signal 3 MHz Offset, 20 MHz RF BW, 30.72 MSPS Sample Rate
–40
–100
–90
–80
–70
–60
–50
020
SNIFFER RECEIVER ATTENUATION (dB)
510
15
+110°C
+40°C
–40°C
Figure 235. Sniffer Receiver DC Offset vs. Sniffer Receiver Attenuation,
5800 MHz LO, CW Signal 3 MHz Offset, −35 dBm at 0 dB Attenuation,
Input Power Increasing dB for dB with Attenuation, 20 MHz RF BW,
30.72 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com