Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 32Page - Analog Devices AD9371BBCZ Datasheet HTML 33Page - Analog Devices AD9371BBCZ Datasheet HTML 34Page - Analog Devices AD9371BBCZ Datasheet HTML 35Page - Analog Devices AD9371BBCZ Datasheet HTML 36Page - Analog Devices AD9371BBCZ Datasheet HTML 37Page - Analog Devices AD9371BBCZ Datasheet HTML 38Page - Analog Devices AD9371BBCZ Datasheet HTML 39Page - Analog Devices AD9371BBCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
AD9371
Data Sheet
Rev. A | Page 36 of 60
–40
–110
–100
–80
–90
–70
–50
–60
020
15
510
SNIFFER RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 118. Sniffer Receiver DC Offset vs. Sniffer Receiver Attenuation,
2600 MHz LO, CW Signal 1 MHz Offset, −35 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
20 MHz RF Bandwidth, 30.72 MSPS Sample Rate
0
–100
–90
–70
–80
–60
–20
–40
–50
–10
–30
020
15
510
SNIFFER RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 119. Sniffer Receiver HD2 vs. Sniffer Receiver Attenuation,
2600 MHz LO, CW Signal 1 MHz Offset, −35 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
20 MHz RF Bandwidth, 30.72 MSPS Sample Rate
0
–120
–100
–40
–80
–20
–60
020
10
15
5
SNIFFER RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 120. Sniffer Receiver HD3 vs. Sniffer Receiver Attenuation, 2600 MHz LO,
CW Signal 1 MHz Offset, −35 dBm at 0 dB Attenuation, Input Power
Increasing Decibel for Decibel with Attenuation, 20 MHz RF Bandwidth,
30.72 MSPS Sample Rate
0
–50
–45
–40
–15
–35
–5
–25
–20
–10
–30
–70
–25
–40
–55
–45
–30
–60
–50
–35
–65
SNIFFER RECEIVER INPUT POWER (dBm)
+110°C
+40°C
–40°C
Figure 121. Sniffer Receiver EVM vs. Sniffer Receiver Input Power,
2600 MHz LO, 20 MHz RF Bandwidth, LTE 20 MHz Uplink Centered at DC,
BTC Active, 30.72 MSPS Sample Rate
40
–40
–30
0
–10
20
–20
10
30
052
36
48
20
32
44
12
28
40
424
16
8
SNIFFER RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 122. Sniffer Receiver Gain vs. Sniffer Receiver Attenuation,
2600 MHz LO, CW Signal 1 MHz Offset, 20 MHz RF Bandwidth,
30.72 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com