Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 49Page - Analog Devices AD9371BBCZ Datasheet HTML 50Page - Analog Devices AD9371BBCZ Datasheet HTML 51Page - Analog Devices AD9371BBCZ Datasheet HTML 52Page - Analog Devices AD9371BBCZ Datasheet HTML 53Page - Analog Devices AD9371BBCZ Datasheet HTML 54Page - Analog Devices AD9371BBCZ Datasheet HTML 55Page - Analog Devices AD9371BBCZ Datasheet HTML 56Page - Analog Devices AD9371BBCZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
Data Sheet
AD9371
Rev. A | Page 53 of 60
0.5
–0.5
–100
100
FREQUENCY OFFSET FROM LO (MHz)
–0.1
–0.2
–0.4
0.4
–0.3
0.1
0.3
0.2
0
20
–40
80
0
–60
60
–20
–80
40
Figure 218. Transmitter Frequency Response Deviation from Flatness vs.
Frequency Offset from LO, 5850 MHz LO, 200 MHz Synthesis Bandwidth,
6 dB Digital Backoff, 245.76 MSPS Sample Rate
–40
–80
5300
5900
OBSERVATION RECEIVER LO FREQUENCY (MHz)
–75
–65
–55
–45
–70
–60
–50
5400
5500
5600
5700
5800
+110°C
+40°C
–40°C
Figure 219. Observation Receiver LO Leakage vs. Observation Receiver
LO Frequency, 0 dB Receiver Attenuation, 200 MHz RF Bandwidth,
245.76 MSPS Sample Rate
30
0
5300
5900
OBSERVATION RECEIVER LO FREQUENCY (MHz)
5
15
25
10
20
5400
5500
5600
5700
5800
+110°C
+40°C
–40°C
Figure 220. Observation Receiver Noise Figure vs. Observation Receiver
LO Frequency, 0 dB Receiver Attenuation, 200 MHz RF Bandwidth,
245.76 MSPS Sample Rate, 100 MHz Integration Bandwidth
80
0
0
10
110
f1 OFFSET FREQUENCY (MHz)
10
30
70
20
50
60
40
20
40
60
80
30
50
70
90
100
+110°C
+40°C
–40°C
Figure 221. Observation Receiver IIP2 vs. f1 Offset Frequency, 5600 MHz LO,
0 dB Attenuation, 200 MHz RF Bandwidth, f2 = f1 + 1 MHz,
245.76 MSPS Sample Rate
80
0
10
110
INTERMODULATION FREQUENCY (MHz)
10
30
70
20
50
60
40
20
40
60
80
30
50
70
90
100
+110°C
+40°C
–40°C
Figure 222. Observation Receiver IIP2 vs. Intermodulation Frequency (f2 − f1),
5600 MHz LO, 0 dB Attenuation, 200 MHz RF Bandwidth,
245.76 MSPS Sample Rate
40
35
30
25
20
15
10
5
0
0
110
100
90
80
70
60
50
40
30
20
10
f1 OFFSET FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 223. Observation Receiver IIP3 vs. f1 Offset Frequency, 5600 MHz LO,
0 dB Attenuation, 200 MHz RF Bandwidth, f2 = 2 f1 + 1 MHz,
245.76 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com