Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 30Page - Analog Devices AD9371BBCZ Datasheet HTML 31Page - Analog Devices AD9371BBCZ Datasheet HTML 32Page - Analog Devices AD9371BBCZ Datasheet HTML 33Page - Analog Devices AD9371BBCZ Datasheet HTML 34Page - Analog Devices AD9371BBCZ Datasheet HTML 35Page - Analog Devices AD9371BBCZ Datasheet HTML 36Page - Analog Devices AD9371BBCZ Datasheet HTML 37Page - Analog Devices AD9371BBCZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
AD9371
Data Sheet
Rev. A | Page 34 of 60
40
0
5
10
15
20
30
25
35
0
20406080
110
10
30
50
70
90
100
f1 OFFSET FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 106. Observation Receiver IIP3 vs. f1 Offset Frequency,
2600 MHz LO, 0 dB Attenuation, 200 MHz RF Bandwidth,
f2 = 2f1 + 1 MHz, 245.76 MSPS Sample Rate
40
0
5
10
15
20
30
25
35
525
45
65
85
115
15
35
55
75
95
105
INTERMODULATION FREQUENCY (MHz)
+110°C
+40°C
–40°C
Figure 107. Observation Receiver IIP3 vs. Intermodulation Frequency (f2 − 2f1),
2600 MHz LO, 0 dB Attenuation, 200 MHz RF Bandwidth,
245.76 MSPS Sample Rate
0
–120
–100
–80
–60
–40
–20
06
12
18
39
15
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 108. Observation Receiver Image vs. Observation Receiver Attenuation,
2600 MHz LO, CW Signal 25 MHz Offset, 200 MHz RF Bandwidth, BTC Active,
245.76 MSPS Sample Rate
25
–15
–10
–5
0
5
15
10
20
06
12
18
39
15
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 109. Observation Receiver Gain vs. Observation Receiver Attenuation,
2600 MHz LO, CW Signal 25 MHz Offset,
200 MHz RF Bandwidth, 245.76 MSPS Sample Rate
–40
–100
–90
–80
–70
–60
–50
06
12
18
39
15
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 110. Observation Receiver DC Offset vs. Observation Receiver
Attenuation, 2600 MHz LO, 200 MHz RF Bandwidth, 245.76 MSPS Sample Rate
0
–120
–100
–80
–60
–40
–20
06
12
18
39
15
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 111. Observation Receiver HD2 vs. Observation Receiver Attenuation,
2600 MHz LO, CW Signal 25 MHz Offset, −20 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
200 MHz RF Bandwidth, 245.76 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com