Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 33Page - Analog Devices AD9371BBCZ Datasheet HTML 34Page - Analog Devices AD9371BBCZ Datasheet HTML 35Page - Analog Devices AD9371BBCZ Datasheet HTML 36Page - Analog Devices AD9371BBCZ Datasheet HTML 37Page - Analog Devices AD9371BBCZ Datasheet HTML 38Page - Analog Devices AD9371BBCZ Datasheet HTML 39Page - Analog Devices AD9371BBCZ Datasheet HTML 40Page - Analog Devices AD9371BBCZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
Data Sheet
AD9371
Rev. A | Page 37 of 60
3.5 GHz BAND
RECEIVER LO FREQUENCY (MHz)
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
3300
3400
3500
3600
3700
3800
+110°C
+40°C
–40°C
Figure 123. Receiver Local Oscillator (LO) Leakage vs. Receiver LO Frequency,
0 dB Receiver Attenuation, 100 MHz RF Bandwidth, 153.6 MSPS Sample Rate
RECEIVER ATTENUATION (dB)
0
5
10
15
20
25
30
35
40
45
+110°C
+40°C
–40°C
Figure 124. Receiver Noise Figure vs. Receiver Attenuation, 3500 MHz LO,
100 MHz Bandwidth, 153.6 MSPS Sample Rate, 50 MHz Integration Bandwidth
(Includes 1 dB Matching Circuit Loss)
RECEIVER LO FREQUENCY (MHz)
0
5
10
15
20
25
30
3300
3400
3500
3600
3700
3800
+110°C
+40°C
–40°C
Figure 125. Receiver Noise Figure vs. Receiver LO Frequency,
0 dB Receiver Attenuation, 100 MHz RF Bandwidth, 153.6 MSPS Sample Rate,
50 MHz Integration Bandwidth (Includes 1 dB Matching Circuit Loss)
f1 OFFSET FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
90
5
101520
25
30
35404550
55
60
+110°C
+40°C
–40°C
Figure 126. Receiver IIP2 vs. f1 Offset Frequency, 3500 MHz LO,
0 dB Attenuation, 100 MHz RF Bandwidth, f2 = f1 + 1 MHz,
153.6 MSPS Sample Rate
INTERMODULATION FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
90
100
510
15202530354045
50
55
60
f2 – f1, +110°C
f2 – f1, +40°C
f2 – f1, –40°C
f2 + f1, +110°C
f2 + f1, +40°C
f2 + f1, –40°C
Figure 127. Receiver IIP2 vs. Intermodulation Frequency, 3500 MHz LO,
0 dB Attenuation, 100 MHz RF Bandwidth, 153.6 MSPS Sample Rate
f1 OFFSET FREQUENCY (MHz)
5
101520
25
30
35404550
55
60
0
5
10
15
20
25
30
35
40
+110°C
+40°C
–40°C
Figure 128. Receiver IIP3 vs. f1 Offset Frequency, 3500 MHz LO,
0 dB Attenuation, 100 MHz RF Bandwidth, f2 = 2 f1 + 1 MHz,
153.6 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com