Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 42Page - Analog Devices AD9371BBCZ Datasheet HTML 43Page - Analog Devices AD9371BBCZ Datasheet HTML 44Page - Analog Devices AD9371BBCZ Datasheet HTML 45Page - Analog Devices AD9371BBCZ Datasheet HTML 46Page - Analog Devices AD9371BBCZ Datasheet HTML 47Page - Analog Devices AD9371BBCZ Datasheet HTML 48Page - Analog Devices AD9371BBCZ Datasheet HTML 49Page - Analog Devices AD9371BBCZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
AD9371
Data Sheet
Rev. A | Page 46 of 60
–40
–110
020
SNIFFER RECEIVER ATTENUATION (dB)
–100
–90
–80
–70
–60
–50
510
15
+110°C
+40°C
–40°C
Figure 177. Sniffer Receiver DC Offset vs. Sniffer Receiver Attenuation,
3500 MHz LO, CW Signal 5 MHz Offset, −35 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
20 MHz RF Bandwidth, 38.4 MSPS Sample Rate
0
–100
020
SNIFFER RECEIVER ATTENUATION (dB)
–90
–80
–70
–60
–50
–40
–30
–20
–10
510
15
+110°C
+40°C
–40°C
Figure 178. Sniffer Receiver HD2 vs. Sniffer Receiver Attenuation,
3500 MHz LO, CW Signal 5 MHz Offset, −35 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
20 MHz RF Bandwidth, 38.4 MSPS Sample Rate
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
020
SNIFFER RECEIVER ATTENUATION (dB)
–10
510
15
+110°C
+40°C
–40°C
Figure 179. Sniffer Receiver HD3 vs. Sniffer Receiver Attenuation,
3500 MHz LO, CW Signal 5 MHz Offset, −35 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
20 MHz RF Bandwidth, 38.4 MSPS Sample Rate
0
–45
–70
–30
SNIFFER RECEIVER INPUT POWER (dBm)
–40
–35
–30
–25
–20
–15
–10
–5
–65
–60
–55
–50
–45
–40
–35
+110°C
+40°C
–40°C
Figure 180. Sniffer Receiver EVM vs. Sniffer Receiver Input Power,
3600 MHz LO, 20 MHz RF Bandwidth, LTE 20 MHz Uplink Centered at DC,
BTC Active, 38.4 MSPS Sample Rate
35
–35
055
SNIFFER RECEIVER ATTENUATION (dB)
–25
–15
–5
5
15
25
5
1015
202530
3540
45
50
+110°C
+40°C
–40°C
Figure 181. Sniffer Receiver Gain vs. Sniffer Receiver Attenuation,
3600 MHz LO, CW Signal 5 MHz Offset, 20 MHz RF Bandwidth,
De-Embedded to Receiver Port, 38.4 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com