Electronic Components Datasheet Search
  English  ▼

X  

AD9371BBCZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9371BBCZ
Description  Dual differential transmitters
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9371BBCZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9371BBCZ Datasheet HTML 40Page - Analog Devices AD9371BBCZ Datasheet HTML 41Page - Analog Devices AD9371BBCZ Datasheet HTML 42Page - Analog Devices AD9371BBCZ Datasheet HTML 43Page - Analog Devices AD9371BBCZ Datasheet HTML 44Page - Analog Devices AD9371BBCZ Datasheet HTML 45Page - Analog Devices AD9371BBCZ Datasheet HTML 46Page - Analog Devices AD9371BBCZ Datasheet HTML 47Page - Analog Devices AD9371BBCZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
AD9371
Data Sheet
Rev. A | Page 44 of 60
40
0
0
110
f1 OFFSET FREQUENCY (MHz)
5
10
15
20
25
30
35
10
20
30
40
50
60
70
80
90
100
+110°C
+40°C
–40°C
Figure 165. Observation Receiver IIP3 vs. f1 Offset Frequency, 3600 MHz LO,
0 dB Attenuation, 240 MHz RF Bandwidth, f2 = 2f1 + 1 MHz,
307.2 MSPS Sample Rate
40
0
5
115
INTERMODULATION FREQUENCY (MHz)
5
10
15
20
25
30
35
15
25
35
45
55
65
75
85
95
105
+110°C
+40°C
–40°C
Figure 166. Observation Receiver IIP3 vs. Intermodulation Frequency (f2 − 2f1),
3500 MHz LO, 0 dB Attenuation, 240 MHz RF Bandwidth,
307.2 MSPS Sample Rate
0
–100
018
OBSERVATION RECEIVER ATTENUATION (dB)
–90
–80
–70
–60
–50
–40
–30
–20
–10
36
9
12
15
+110°C
+40°C
–40°C
Figure 167. Observation Receiver Image vs. Observation Receiver Attenuation,
3500 MHz LO, CW Signal 25 MHz Offset, 240 MHz RF Bandwidth, BTC Active,
307.2 MSPS Sample Rate
25
–15
018
OBSERVATION RECEIVER ATTENUATION (dB)
–10
–5
0
5
10
15
20
36
9
12
15
+110°C
+40°C
–40°C
Figure 168. Observation Receiver Gain vs. Observation Receiver Attenuation,
3500 MHz LO, CW Signal 25 MHz Offset, 240 MHz RF Bandwidth,
De-Embedded to Receiver Port, 307.2 MSPS Sample Rate
–40
–110
018
OBSERVATION RECEIVER ATTENUATION (dB)
–100
–90
–80
–70
–60
–50
36
9
12
15
+110°C
+40°C
–40°C
Figure 169. Observation Receiver DC Offset vs. Observation Receiver
Attenuation, 3500 MHz LO, 240 MHz RF Bandwidth, 307.2 MSPS Sample Rate
0
–120
018
OBSERVATION RECEIVER ATTENUATION (dB)
–100
–80
–60
–40
–20
36
9
12
15
+110°C
+40°C
–40°C
Figure 170. Observation Receiver HD2 vs. Observation Receiver Attenuation,
3500 MHz LO, CW Signal 25 MHz Offset, −20 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
240 MHz RF Bandwidth, 307.2 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com