Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 43 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 43 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 39Page - fujitsu semiconductor LINR2 Datasheet HTML 40Page - fujitsu semiconductor LINR2 Datasheet HTML 41Page - fujitsu semiconductor LINR2 Datasheet HTML 42Page - fujitsu semiconductor LINR2 Datasheet HTML 43Page - fujitsu semiconductor LINR2 Datasheet HTML 44Page - fujitsu semiconductor LINR2 Datasheet HTML 45Page - fujitsu semiconductor LINR2 Datasheet HTML 46Page - fujitsu semiconductor LINR2 Datasheet HTML 47Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
43
0005D7H
PPG18 - Control status register High
PCNH18
R/W
0005D8H
PPG19 - Timer register
PTMR19
R
0005D9H
PPG19 - Timer register
R
0005DAH
PPG19 - Period setting register
PCSR19
W
0005DBH
PPG19 - Period setting register
W
0005DCH
PPG19 - Duty cycle register
PDUT19
W
0005DDH
PPG19 - Duty cycle register
W
0005DEH
PPG19 - Control status register Low
PCNL19
PCN19
R/W
0005DFH
PPG19 - Control status register High
PCNH19
R/W
0005E0H-
00065FH
Reserved
-
000660H
Peripheral Resource Relocation Register 10
PRRR10
R/W
000661H
Peripheral Resource Relocation Register 11
PRRR11
R/W
000662H
Peripheral Resource Relocation Register 12
PRRR12
R/W
000663H
Peripheral Resource Relocation Register 13
PRRR13
W
000664H-
0006DFH
Reserved
-
0006E0H
External Bus - Area configuration register 0 Low
EACL0
EAC0
R/W
0006E1H
External Bus - Area configuration register 0 High
EACH0
R/W
0006E2H
External Bus - Area configuration register 1 Low
EACL1
EAC1
R/W
0006E3H
External Bus - Area configuration register 1 High
EACH1
R/W
0006E4H
External Bus - Area configuration register 2 Low
EACL2
EAC2
R/W
0006E5H
External Bus - Area configuration register 2 High
EACH2
R/W
0006E6H
External Bus - Area configuration register 3 Low
EACL3
EAC3
R/W
0006E7H
External Bus - Area configuration register 3 High
EACH3
R/W
0006E8H
External Bus - Area configuration register 4 Low
EACL4
EAC4
R/W
0006E9H
External Bus - Area configuration register 4 High
EACH4
R/W
0006EAH
External Bus - Area configuration register 5 Low
EACL5
EAC5
R/W
0006EBH
External Bus - Area configuration register 5 High
EACH5
R/W
0006ECH
External Bus - Area select register 2
EAS2
R/W
0006EDH
External Bus - Area select register 3
EAS3
R/W
I/O map MB96(F)32x (24 of 31)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com