Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 62 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 62 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 58Page - fujitsu semiconductor LINR2 Datasheet HTML 59Page - fujitsu semiconductor LINR2 Datasheet HTML 60Page - fujitsu semiconductor LINR2 Datasheet HTML 61Page - fujitsu semiconductor LINR2 Datasheet HTML 62Page - fujitsu semiconductor LINR2 Datasheet HTML 63Page - fujitsu semiconductor LINR2 Datasheet HTML 64Page - fujitsu semiconductor LINR2 Datasheet HTML 65Page - fujitsu semiconductor LINR2 Datasheet HTML 66Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 108 page
background image
MB96320 Series
62
FME-MB96320 rev 7
(TA = -40˚C to 125˚C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Condition (at TA)
Value
Remarks
Typ
Max
Unit
Power supply cur-
rent in Run
modes*
ICCPLL
PLL Run mode with
CLKS1/2 = CLKB =
CLKP1 = 16MHz,
CLKP2 = 8MHz
1 Flash/ROM wait state
(CLKRC and CLKSC
stopped)
+25˚C
15
20
mA
+125˚C
16.5
23.5
PLL Run mode with
CLKS1/2 = CLKB =
CLKP1 = 32MHz,
CLKP2 = 16MHz
2 Flash/ROM wait states
(CLKRC and CLKSC
stopped)
+25˚C
24
30
mA
+125˚C
26
34
PLL Run mode with
CLKS1/2 = 48MHz,
CLKB = CLKP1/2 =
24MHz
0 Flash/ROM wait states
(CLKRC and CLKSC
stopped)
+25˚C
28
40
mA
+125˚C
30
44
PLL Run mode with
CLKS1/2 = CLKB =
CLKP1= 56MHz,
CLKP2 = 28MHz
2 Flash/ROM wait states
(CLKRC and CLKSC
stopped. Core voltage at
1.9V)
+25˚C
41
52
mA
+125˚C
43
56
PLL Run mode with
CLKS1/2 = 96MHz,
CLKB = CLKP1= 48MHz,
CLKP2 = 24MHz
1 Flash/ROM wait state
(CLKRC and CLKSC
stopped. Core voltage at
1.9V)
+25˚C
44
58
mA
+125˚C
46
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com