Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 94 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 94 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 90Page - fujitsu semiconductor LINR2 Datasheet HTML 91Page - fujitsu semiconductor LINR2 Datasheet HTML 92Page - fujitsu semiconductor LINR2 Datasheet HTML 93Page - fujitsu semiconductor LINR2 Datasheet HTML 94Page - fujitsu semiconductor LINR2 Datasheet HTML 95Page - fujitsu semiconductor LINR2 Datasheet HTML 96Page - fujitsu semiconductor LINR2 Datasheet HTML 97Page - fujitsu semiconductor LINR2 Datasheet HTML 98Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 108 page
background image
MB96320 Series
94
FME-MB96320 rev 7
7. FLASH memory program/erase characteristics
*1: This value was converted from the results of evaluating the reliability of the technology (using Arrhenius
equation to convert high temperature measurements into normalized value at 85oC)
(TA = -40˚C to 105˚C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
-
0.9
3.6
s
Without erasure pre-program-
ming time
Chip erase time
-
n*0.9
n*3.6
s
Without erasure pre-program-
ming time (n is the number of
Flash sector of the device)
Word (16-bit width) programming time
-
23
370
us
Without overhead time for sub-
mitting write command
Program/Erase cycle
10 000
-
-
cycle
Flash data retention time
20
-
-
year
*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com