Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 47 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 47 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 43Page - fujitsu semiconductor LINR2 Datasheet HTML 44Page - fujitsu semiconductor LINR2 Datasheet HTML 45Page - fujitsu semiconductor LINR2 Datasheet HTML 46Page - fujitsu semiconductor LINR2 Datasheet HTML 47Page - fujitsu semiconductor LINR2 Datasheet HTML 48Page - fujitsu semiconductor LINR2 Datasheet HTML 49Page - fujitsu semiconductor LINR2 Datasheet HTML 50Page - fujitsu semiconductor LINR2 Datasheet HTML 51Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
47
0008A4H-
0008AFH
Reserved
-
0008B0H
CAN1 - Message Valid 1 Register Low
MSGVAL1L1
MSGVAL11
R
0008B1H
CAN1 - Message Valid 1 Register High
MSGVAL1H1
R
0008B2H
CAN1 - Message Valid 2 Register Low
MSGVAL2L1
MSGVAL21
R
0008B3H
CAN1 - Message Valid 2 Register High
MSGVAL2H1
R
0008B4H-
0008CDH
Reserved
-
0008CEH
CAN1 - Output enable register
COER1
R/W
0008CFH-
0008FFH
Reserved
-
000900H
CAN2 - Control register Low
CTRLRL2
CTRLR2
R/W
000901H
CAN2 - Control register High (reserved)
CTRLRH2
R
000902H
CAN2 - Status register Low
STATRL2
STATR2
R/W
000903H
CAN2 - Status register High (reserved)
STATRH2
R
000904H
CAN2 - Error Counter Low (Transmit)
ERRCNTL2
ERRCNT2
R
000905H
CAN2 - Error Counter High (Receive)
ERRCNTH2
R
000906H
CAN2 - Bit Timing Register Low
BTRL2
BTR2
R/W
000907H
CAN2 - Bit Timing Register High
BTRH2
R/W
000908H
CAN2 - Interrupt Register Low
INTRL2
INTR2
R
000909H
CAN2 - Interrupt Register High
INTRH2
R
00090AH
CAN2 - Test Register Low
TESTRL2
TESTR2
R/W
00090BH
CAN2 - Test Register High (reserved)
TESTRH2
R
00090CH
CAN2 - BRP Extension register Low
BRPERL2
BRPER2
R/W
00090DH
CAN2 - BRP Extension register High (reserved)
BRPERH2
R
00090EH-
00090FH
Reserved
-
000910H
CAN2 - IF1 Command request register Low
IF1CREQL2
IF1CREQ2
R/W
000911H
CAN2 - IF1 Command request register High
IF1CREQH2
R/W
000912H
CAN2 - IF1 Command Mask register Low
IF1CMSKL2
IF1CMSK2
R/W
000913H
CAN2 - IF1 Command Mask register High (re-
served)
IF1CMSKH2
R
I/O map MB96(F)32x (28 of 31)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com