Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 51 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 51 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 47Page - fujitsu semiconductor LINR2 Datasheet HTML 48Page - fujitsu semiconductor LINR2 Datasheet HTML 49Page - fujitsu semiconductor LINR2 Datasheet HTML 50Page - fujitsu semiconductor LINR2 Datasheet HTML 51Page - fujitsu semiconductor LINR2 Datasheet HTML 52Page - fujitsu semiconductor LINR2 Datasheet HTML 53Page - fujitsu semiconductor LINR2 Datasheet HTML 54Page - fujitsu semiconductor LINR2 Datasheet HTML 55Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
51
■ INTERRUPT VECTOR TABLE
Interrupt vector table MB96(F)32x (1 of 3)
Vector
number
Offset in
vector ta-
ble
Vector name
Cleared by
DMA
Index in
ICR to pro-
gram
Description
0
3FCH
CALLV0
No
-
1
3F8H
CALLV1
No
-
2
3F4H
CALLV2
No
-
3
3F0H
CALLV3
No
-
4
3ECH
CALLV4
No
-
5
3E8H
CALLV5
No
-
6
3E4H
CALLV6
No
-
7
3E0H
CALLV7
No
-
8
3DCH
RESET
No
-
9
3D8H
INT9
No
-
10
3D4H
EXCEPTION
No
-
11
3D0H
NMI
No
-
Non-Maskable Interrupt
12
3CCH
DLY
No
12
Delayed Interrupt
13
3C8H
RC_TIMER
No
13
RC Timer
14
3C4H
MC_TIMER
No
14
Main Clock Timer
15
3C0H
SC_TIMER
No
15
Sub Clock Timer
16
3BCH
PLL_UNLOCK
No
16
Reserved
17
3B8H
EXTINT0
Yes
17
External Interrupt 0
18
3B4H
EXTINT1
Yes
18
External Interrupt 1
19
3B0H
EXTINT2
Yes
19
External Interrupt 2
20
3ACH
EXTINT3
Yes
20
External Interrupt 3
21
3A8H
EXTINT4
Yes
21
External Interrupt 4
22
3A4H
EXTINT5
Yes
22
External Interrupt 5
23
3A0H
EXTINT7
Yes
23
External Interrupt 7
24
39CH
EXTINT8
Yes
24
External Interrupt 8
25
398H
EXTINT9
Yes
25
External Interrupt 9
26
394H
EXTINT10
Yes
26
External Interrupt 10
27
390H
EXTINT11
Yes
27
External Interrupt 11
28
38CH
EXTINT12
Yes
28
External Interrupt 12
29
388H
EXTINT13
Yes
29
External Interrupt 13
30
384H
EXTINT14
Yes
30
External Interrupt 14
31
380H
EXTINT15
Yes
31
External Interrupt 15
32
37CH
CAN1
No
32
CAN Controller 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com