Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 91 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 91 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 87Page - fujitsu semiconductor LINR2 Datasheet HTML 88Page - fujitsu semiconductor LINR2 Datasheet HTML 89Page - fujitsu semiconductor LINR2 Datasheet HTML 90Page - fujitsu semiconductor LINR2 Datasheet HTML 91Page - fujitsu semiconductor LINR2 Datasheet HTML 92Page - fujitsu semiconductor LINR2 Datasheet HTML 93Page - fujitsu semiconductor LINR2 Datasheet HTML 94Page - fujitsu semiconductor LINR2 Datasheet HTML 95Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
91
Accuracy and setting of the A/D Converter sampling time
If the external impedance is too high or the sampling time too short, the analog voltage charged to the internal
sample and hold capacitor is insufficient, adversely affecting the A/D conversion precision.
To satisfy the A/D conversion precision, a sufficient sampling time must be selected. The required sampling time
depends on the external driving impedance Rext, the board capacitance of the A/D converter input pin Cext and
the AVcc voltage level. The following replacement model can be used for the calculation:
The sampling time should be set to minimum “7
τ“. The following approximation formula for the replacement
model above can be used:
Tsamp [min] = 7
× (Rext × (Cext + CIN) + (Rext + RADC) × CADC)
• Do not select a sampling time below the absolute minimum permitted value
(0.5
µs for 4.5V ≤ AVcc ≤ 5.5V; 1.2 µs for 3.0V ≤ AVcc < 4.5V).
• If the sampling time cannot be sufficient, connect a capacitor of about 0.1
µF to the analog input pin. In this
case the internal sampling capacitance CADC will be charged out of this external capacitance.
• A big external driving impedance also adversely affects the A/D conversion precision due to the pin input
leakage current IIL (static current before the sampling switch) or the analog input leakage current IAIN (total
leakage current of pin input and comparator during sampling). The effect of the pin input leakage current IIL
cannot be compensated by an external capacitor.
• The accuracy gets worse as |AVRH - AVRL| becomes smaller.
Comparator
Sampling switch
RADC
CADC
Analog
Rext
Cext
input
MCU
Source
Rext: external driving impedance
Cext: capacitance of PCB at A/D converter input
RADC: resistance within MCU: 2.6k
Ω (max) for 4.5V ≤ AVcc ≤ 5.5V
12k
Ω (max) for 3.0V ≤ AVcc < 4.5V
CADC: sampling capacitance within MCU: 10pF (max)
CIN
CIN: capacitance of MCU input pin: 15pF (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com