Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 46 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 46 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 42Page - fujitsu semiconductor LINR2 Datasheet HTML 43Page - fujitsu semiconductor LINR2 Datasheet HTML 44Page - fujitsu semiconductor LINR2 Datasheet HTML 45Page - fujitsu semiconductor LINR2 Datasheet HTML 46Page - fujitsu semiconductor LINR2 Datasheet HTML 47Page - fujitsu semiconductor LINR2 Datasheet HTML 48Page - fujitsu semiconductor LINR2 Datasheet HTML 49Page - fujitsu semiconductor LINR2 Datasheet HTML 50Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
MB96320 Series
46
FME-MB96320 rev 7
00084AH
CAN1 - IF2 Arbitration 2 Register Low
IF2ARB2L1
IF2ARB21
R/W
00084BH
CAN1 - IF2 Arbitration 2 Register High
IF2ARB2H1
R/W
00084CH
CAN1 - IF2 Message Control Register Low
IF2MCTRL1
IF2MCTR1
R/W
00084DH
CAN1 - IF2 Message Control Register High
IF2MCTRH1
R/W
00084EH
CAN1 - IF2 Data A1 Low
IF2DTA1L1
IF2DTA11
R/W
00084FH
CAN1 - IF2 Data A1 High
IF2DTA1H1
R/W
000850H
CAN1 - IF2 Data A2 Low
IF2DTA2L1
IF2DTA21
R/W
000851H
CAN1 - IF2 Data A2 High
IF2DTA2H1
R/W
000852H
CAN1 - IF2 Data B1 Low
IF2DTB1L1
IF2DTB11
R/W
000853H
CAN1 - IF2 Data B1 High
IF2DTB1H1
R/W
000854H
CAN1 - IF2 Data B2 Low
IF2DTB2L1
IF2DTB21
R/W
000855H
CAN1 - IF2 Data B2 High
IF2DTB2H1
R/W
000856H-
00087FH
Reserved
-
000880H
CAN1 - Transmission Request 1 Register Low
TREQR1L1
TREQR11
R
000881H
CAN1 - Transmission Request 1 Register High
TREQR1H1
R
000882H
CAN1 - Transmission Request 2 Register Low
TREQR2L1
TREQR21
R
000883H
CAN1 - Transmission Request 2 Register High
TREQR2H1
R
000884H-
00088FH
Reserved
-
000890H
CAN1 - New Data 1 Register Low
NEWDT1L1
NEWDT11
R
000891H
CAN1 - New Data 1 Register High
NEWDT1H1
R
000892H
CAN1 - New Data 2 Register Low
NEWDT2L1
NEWDT21
R
000893H
CAN1 - New Data 2 Register High
NEWDT2H1
R
000894H-
00089FH
Reserved
-
0008A0H
CAN1 - Interrupt Pending 1 Register Low
INTPND1L1
INTPND11
R
0008A1H
CAN1 - Interrupt Pending 1 Register High
INTPND1H1
R
0008A2H
CAN1 - Interrupt Pending 2 Register Low
INTPND2L1
INTPND21
R
0008A3H
CAN1 - Interrupt Pending 2 Register High
INTPND2H1
R
I/O map MB96(F)32x (27 of 31)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com