Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 61 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 61 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 57Page - fujitsu semiconductor LINR2 Datasheet HTML 58Page - fujitsu semiconductor LINR2 Datasheet HTML 59Page - fujitsu semiconductor LINR2 Datasheet HTML 60Page - fujitsu semiconductor LINR2 Datasheet HTML 61Page - fujitsu semiconductor LINR2 Datasheet HTML 62Page - fujitsu semiconductor LINR2 Datasheet HTML 63Page - fujitsu semiconductor LINR2 Datasheet HTML 64Page - fujitsu semiconductor LINR2 Datasheet HTML 65Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
61
Output H voltage
VOH2
Normal
outputs
4.5V
≤ VCC ≤ 5.5V
IOH = -2mA
VCC -
0.5
--
V
Driving strength set
to 2mA
(PODR:OD=1)
3.0V
≤ VCC < 4.5V
IOH = -1.6mA
VOH5
Normal
outputs
4.5V
≤ VCC ≤ 5.5V
IOH = -5mA
VCC -
0.5
--
V
Driving strength set
to 5mA
(PODR:OD=0)
3.0V
≤ VCC < 4.5V
IOH = -3mA
VOH3
3mA out-
puts
4.5V
≤ VCC ≤ 5.5V
IOH = -3mA
VCC -
0.5
--
V
I/O circuit type “N”
3.0V
≤ VCC < 4.5V
IOH = -2mA
Output L voltage
VOL2
Normal
outputs
4.5V
≤ VCC ≤ 5.5V
IOL = +2mA
-
-
0.4
V
Driving strength set
to 2mA
(PODR:OD=1)
3.0V
≤ VCC < 4.5V
IOL = +1.6mA
VOL5
Normal
outputs
4.5V
≤ VCC ≤ 5.5V
IOL = +5mA
-
-
0.4
V
Driving strength set
to 5mA
(PODR:OD=0)
3.0V
≤ VCC < 4.5V
IOL = +3mA
VOL3
3mA out-
puts
3.0V
≤ VCC ≤ 5.5V
IOL = +3mA
-
-
0.4
V
I/O circuit type “N”
Input leak current
IIL
Pnn_m
VSS < VI < VCC
AVSS,AVRL <VI <
AVCC, AVRH
-1
-
+1
µA Single port pin
Pull-up resistance
RUP
Pnn_m,
RSTX
VCC
= 3.3V ± 10%
40
100
160
k
Ω
VCC
= 5.0V ± 10%
25
50
100
k
Ω
(TA = -40˚C to 125˚C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com