Electronic Components Datasheet Search
  English  ▼

X  

LINR2 Datasheet(PDF) 65 Page - fujitsu semiconductor

Part # LINR2
Description  16-bit Proprietary Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

LINR2 Datasheet(HTML) 65 Page - fujitsu semiconductor

Back Button LINR2 Datasheet HTML 61Page - fujitsu semiconductor LINR2 Datasheet HTML 62Page - fujitsu semiconductor LINR2 Datasheet HTML 63Page - fujitsu semiconductor LINR2 Datasheet HTML 64Page - fujitsu semiconductor LINR2 Datasheet HTML 65Page - fujitsu semiconductor LINR2 Datasheet HTML 66Page - fujitsu semiconductor LINR2 Datasheet HTML 67Page - fujitsu semiconductor LINR2 Datasheet HTML 68Page - fujitsu semiconductor LINR2 Datasheet HTML 69Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 108 page
background image
MB96320 Series
FME-MB96320 rev 7
65
Power supply cur-
rent in Sleep
modes*
ICCSRCL
RC Sleep mode with
CLKS1/2 = CLKP1/2 =
100kHz,
SMCR:LPMSS = 0
(CLKMC, CLKPLL and
CLKSC stopped. Voltage
regulator in high power
mode)
+25˚C
0.3
0.5
mA
+125˚C
0.8
3.3
RC Sleep mode with
CLKS1/2 = CLKP1/2 =
100kHz,
SMCR:LPMSS = 1
(CLKMC, CLKPLL and
CLKSC stopped. Voltage
regulator in low power
mode)
+25˚C
0.05
0.15
mA
+125˚C
0.56
2.9
ICCSSUB
Sub Sleep mode with
CLKS1/2 = CLKP1/2 =
32kHz
(CLKMC, CLKPLL and
CLKRC stopped)
+25˚C
0.04
0.12
mA
+125˚C
0.54
2.9
Power supply cur-
rent in Timer
modes*
ICCTPLL
PLL Timer mode with
CLKMC = 4MHz, CLKPLL
= 48MHz
(CLKRC and CLKSC
stopped)
+25˚C
1.5
2
mA
+125˚C
2.1
5
ICCTMAIN
Main Timer mode with
CLKMC = 4MHz,
SMCR:LPMSS = 0
(CLKPLL, CLKRC and
CLKSC stopped. Voltage
regulator in high power
mode)
+25˚C
0.35
0.5
mA
+125˚C
0.85
3.3
Main Timer mode with
CLKMC = 4MHz,
SMCR:LPMSS = 1
(CLKPLL, CLKRC and
CLKSC stopped. Voltage
regulator in low power
mode)
+25˚C
0.08
0.15
mA
+125˚C
0.6
2.9
(TA = -40˚C to 125˚C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Condition (at TA)
Value
Remarks
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com